Electronic Components Datasheet Search
  English  ▼

X  

LP3906SQ-FXPI Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3906SQ-FXPI
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906SQ-FXPI Datasheet(HTML) 2 Page - Texas Instruments

  LP3906SQ-FXPI Datasheet HTML 1Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 2Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 3Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 4Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 5Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 6Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 7Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 8Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
For information about how schottky diodes can reduce noise in high load, high Vin applications, see Buck Output
Ripple Management.
DESCRIPTION (CONTINUED)
This device integrates two highly efficient 1.5A Step-Down DC/DC converters with dynamic voltage management
(DVM), two 300mA Linear Regulators and a 400kHz I2C compatible interface to allow a host controller access to
the internal control registers of the LP3906. The LP3906 additionally features programmable power-on
sequencing and is offered in a tiny 5 x 4 x 0.8mm WQFN-24 pin package.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com