Electronic Components Datasheet Search
  English  ▼

X  

LP3906SQ-FXPI Datasheet(PDF) 21 Page - Texas Instruments

Part # LP3906SQ-FXPI
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906SQ-FXPI Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3906SQ-FXPI Datasheet HTML 17Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 18Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 19Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 20Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 21Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 22Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 23Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 24Page - Texas Instruments LP3906SQ-FXPI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
SHUTDOWN MODE
During shutdown the PFET switch, reference, control and bias circuitry of the converters are turned off. The
NFET switch will be on in shutdown to discharge the output. When the converter is enabled, soft start is
activated. It is recommended to disable the converter during the system power up and under voltage conditions
when the supply is less than 2.8V.
SOFT START
The soft-start feature allows the power converter to gradually reach the initial steady state operating point, thus
reducing start-up stresses and surges. The two LP3906 buck converters have a soft-start circuit that limits in-
rush current during start-up. During start-up the switch current limit is increased in steps. Soft start is activated
only if EN goes from logic low to logic high after VIN reaches 2.8V. Soft start is implemented by increasing switch
current limit in steps of 213 mA, 425 mA, 850 mA and 1700 mA (typ. Switch current limit). The start-up time
thereby depends on the output capacitor and load current demanded at start-up.
LOW DROPOUT OPERATION
The LP3906 can operate at 100% duty cycle (noswitching; PMOS switch completely on) for low drop out support
of the output voltage. In this way the output voltage will be controlled down to the lowest possible input voltage.
When the device operates near 100% duty cycle, output voltage ripple is approximately 25 mV. The minimum
input voltage needed to support the output voltage is:
VIN, MIN = ILOAD * (RDSON, PFET + RINDUCTOR) + VOUT
Where:
ILOAD
Load current
RDSON, PFET
Drain to source resistance of
PFET switch in the triode region
RINDUCTOR
Inductor resistance
FLEXIBLE POWER SEQUENCING OF MULTIPLE POWER SUPPLIES
The LP3906 provides several options for power on sequencing. The two bucks can be individually controlled with
ENSW1 and ENSW2. The two LDOs can also be individually controlled with ENLDO1 and ENLDO2.
If the user desires a set power on sequence, all four enables should be tied LOW so that the regulators don’t
automatically enable when power is supplied. The user can then program the chip through I2C and raise EN_T
from LOW to HIGH to activate the power on sequencing.
POWER ON
EN_T assertion causes the LP3906 to emerge from Standby mode to Full Operation mode at a preset timing
sequence. By default, the enables for the LDOs and Bucks are internally pulled up, which causes the part to turn
ON automatically. If the user wishes to have a preset timing sequence to power on the regulators, the external
regulator enables must be tied LOW. Otherwise, simply tie the enables of each specific regulator HIGH.
EN_T is edge triggered with rising edge signaling the chip to power on. The EN_T input is deglitched and the
default is set at 1 ms. As shown in the next 2 diagrams, a rising EN_T edge will start a power on sequence, while
a falling EN_T edge will start a shutdown sequence. If EN_T is high, toggling the external enables of the
regulators will have no effect on the chip.
Table 3. Default Power ON Sequence:
t1 (ms)
t2 (ms)
t3 (ms)
t4 (ms)
1.5
2.0
3
6
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com