Electronic Components Datasheet Search
  English  ▼

X  

2N4919G. Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N4919G.
Description  Medium-Power Plastic PNP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4919G. Datasheet(HTML) 5 Page - ON Semiconductor

  2N4919G. Datasheet HTML 1Page - ON Semiconductor 2N4919G. Datasheet HTML 2Page - ON Semiconductor 2N4919G. Datasheet HTML 3Page - ON Semiconductor 2N4919G. Datasheet HTML 4Page - ON Semiconductor 2N4919G. Datasheet HTML 5Page - ON Semiconductor 2N4919G. Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N4918 − 2N4920* Series
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
−0.2
1000
2.0
Figure 8. Current Gain
IC, COLLECTOR CURRENT (mA)
10
3.0 5.0
10
20 30
200 300 500
2000
500
200
100
70
Figure 9. Collector Saturation Region
1.0
0.2
IB, BASE CURRENT (mA)
0
0.3 0.5
1.0
2.0
5.0
10
20
50
200
0.8
0.6
0.4
0.2
IC = 0.1 A
TJ = 25°C
0.25 A
0.5 A
1.0 A
700
300
TJ = 150°C
25°C
−55 °C
VCE = 1.0 V
50
30
20
50
100
1000
3.0
30
100
108
0
Figure 10. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
30
60
90
120
150
107
105
104
103
VCE = 30 V
IC = 10 ICES
IC = 2x ICES
IC ≈ ICES
ICES VALUES
OBTAINED FROM
FIGURE 13
106
1.5
2.0
IC, COLLECTOR CURRENT (mA)
5.0
10
20 30 50
100 200 300
2000
1.2
0.9
0.6
0.3
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 11. “On” Voltage
3.0
500 1000
VBE @ VCE = 2.0 V
102
Figure 12. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
101
100
10−1
10− 2
103
−0.1
0
+0.1
+0.2
+0.3
+0.4
+0.5
VCE = 30 V
TJ = 150°C
100°C
25°C
FORWARD
IC = ICES
104
+2.5
2.0
Figure 13. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
3.0 5.0
10
20 30
50
100 200
2000
TJ = −55°C to +100°C
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB FOR VBE
*qVC FOR VCE(sat)
TJ = 100°C to 150°C
*APPLIES FOR IC/IB <
hFE @VCE + 1.0V
2
+1.0
300 500 1000
REVERSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com