Electronic Components Datasheet Search
  English  ▼

X  

2N4919G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N4919G.
Description  Medium-Power Plastic PNP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4919G. Datasheet(HTML) 2 Page - ON Semiconductor

  2N4919G. Datasheet HTML 1Page - ON Semiconductor 2N4919G. Datasheet HTML 2Page - ON Semiconductor 2N4919G. Datasheet HTML 3Page - ON Semiconductor 2N4919G. Datasheet HTML 4Page - ON Semiconductor 2N4919G. Datasheet HTML 5Page - ON Semiconductor 2N4919G. Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N4918 − 2N4920* Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 4)
(IC = 0.1 Adc, IB = 0)
2N4918
2N4919
2N4920
VCEO(sus)
40
60
80
−
−
−
Vdc
Collector Cutoff Current
(VCE = 20 Vdc, IB = 0)
2N4918
(VCE = 30 Vdc, IB = 0)
2N4919
(VCE = 40 Vdc, IB = 0)
2N4920
ICEO
−
−
−
0.5
0.5
0.5
mAdc
Collector Cutoff Current
(VCE = Rated VCEO, VBE(off) = 1.5 Vdc)
(VCE = Rated VCEO, VBE(off) = 1.5 Vdc, TC = 125_C
ICEX
−
−
0.1
0.5
mAdc
Collector Cutoff Current
(VCB = Rated VCB, IE = 0)
ICBO
−
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
hFE
40
30
10
−
150
−
−
Collector−Emitter Saturation Voltage (Note 4)
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
−
0.6
Vdc
Base−Emitter Saturation Voltage (Note 4)
(IC = 1.0 Adc, IB = 0.1 Adc)
VBE(sat)
−
1.3
Vdc
Base−Emitter On Voltage (Note 4)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
VBE(on)
−
1.3
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
3.0
−
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 100 kHz)
Cob
−
100
pF
Small−Signal Current Gain (IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
−
−
4. Pulse Test: PW
[ 300 ms, Duty Cycle [ 2.0%
ORDERING INFORMATION
Device
Package
Shipping†
2N4918
TO−225
500 Unit / Bulk
2N4919
TO−225
500 Unit / Bulk
2N4920
TO−225
500 Unit / Bulk
2N4920G
TO−225
(Pb−Free)
500 Unit / Bulk
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com