Electronic Components Datasheet Search
  English  ▼

X  

TPS65580PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65580PWPR
Description  4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65580PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65580PWPR Datasheet HTML 9Page - Texas Instruments TPS65580PWPR Datasheet HTML 10Page - Texas Instruments TPS65580PWPR Datasheet HTML 11Page - Texas Instruments TPS65580PWPR Datasheet HTML 12Page - Texas Instruments TPS65580PWPR Datasheet HTML 13Page - Texas Instruments TPS65580PWPR Datasheet HTML 14Page - Texas Instruments TPS65580PWPR Datasheet HTML 15Page - Texas Instruments TPS65580PWPR Datasheet HTML 16Page - Texas Instruments TPS65580PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
400
450
500
550
600
650
700
750
800
850
900
0
2
4
6
8
10
12
14
16
18
20
V
IN - Input Voltage (V)
C013
I
OUT = 1 A
400
450
500
550
600
650
700
750
800
850
900
0
2
4
6
8
10
12
14
16
18
20
V
IN - Input Voltage (V)
C014
I
OUT = 1 A
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
I
OUT - Output Current (A)
VIN=6V
VIN=12V
VIN=18V
C011
V
IN = 5 V
V
IN = 12 V
V
IN = 18 V
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
I
OUT - Output Current (A)
VIN=6V
VIN=12V
VIN=18V
C012
V
IN = 5 V
V
IN = 12 V
V
IN = 18 V
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
I
OUT - Output Current (A)
VIN=6V
VIN=12V
VIN=18V
C010
V
IN = 6 V
V
IN = 12 V
V
IN = 18 V
VOUT(50mV/div)
IOUT3(1A/div)
Vo=1.5V
100us/div
TPS65580
www.ti.com
SLVSC29 – SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted)
Figure 16. VOUT3 = 1.5V, 0A to 1.5A Load Transient
Figure 17. VOUT1 = 3.3V Light Load Efficiency vs Output
Response
Current
Figure 18. VOUT2 = 1.2V Light Load Efficiency vs Output
Figure 19. VOUT3=1.5V, Light Load Efficiency vs Output
Current
Current
Figure 20. VOUT1 = 3.3V Switching Frequency vs Input
Figure 21. VOUT2 = 1.2V Switching Frequency vs Input
Voltage
Voltage
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com