Electronic Components Datasheet Search
  English  ▼

X  

TPS65580PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65580PWPR
Description  4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65580PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65580PWPR Datasheet HTML 12Page - Texas Instruments TPS65580PWPR Datasheet HTML 13Page - Texas Instruments TPS65580PWPR Datasheet HTML 14Page - Texas Instruments TPS65580PWPR Datasheet HTML 15Page - Texas Instruments TPS65580PWPR Datasheet HTML 16Page - Texas Instruments TPS65580PWPR Datasheet HTML 17Page - Texas Instruments TPS65580PWPR Datasheet HTML 18Page - Texas Instruments TPS65580PWPR Datasheet HTML 19Page - Texas Instruments TPS65580PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
VOUT3(0.5V/div)
EN3(10V/div)
1ms/div
VREG5(5V/div)
PG(5V/div)
TPS65580
SLVSC29 – SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted)
Figure 34. VOUT3 = 1.5V Soft-Start IOUT3 = 1.5A
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com