Electronic Components Datasheet Search
  English  ▼

X  

TGP-651 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TGP-651
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-651 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TGP-651 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 5
Thermoharvesting Module
Micropelt TE-CORE
1.5 Energy Balance
Energy harvesting in general, hence also thermohar-
vesting is suitable for low power, typically duty-cycling
applications. The average energy consumed does not
exceed the energy harvested; i.e. a positive or at least
even energy balance is maintained.
1.5.1 Energy Storage
Any surplus energy which is not used by the application
during its sleep phases is buffered in a storage capaci-
tor (C3) which supplies surge currents during the load’s
active cycle. The size of the capacitor must be matched
to the application’s active cycle energy demand: the
stored energy must be sufficient for at least one cycle.
If the default capacitance is found insufficient the TE-
CORE offers an interface for a user-configurable addi-
tional capacitor (see §3.2 Energy storage).
1.5.2 Hysteresis Voltage Control
The storage capacitor’s charge level must always ex-
ceed the powered system’s operating voltage to ensure
stable supply. The actually available stored energy is
defined by the total storage capacitance and the con-
figured difference of the upper and lower thresholds of
Power dropouts caused by excess surge current
DC-DC Booster and power management of the TE-CORE Thermoharvesting Module
the TE-CORE’s hysteresis control (see p. 11) .
If the voltage of the energy buffer drops below the
configured hysteresis minimum level the output of TE-
CORE switches off to protect the continuous operation
of the DC booster required for re-charging the buffer
capacitor. Once the configured maximum capacitor
voltage is reached, the output turns on again. This cycle
is indicated by a LED: Each flash indicates a ‘virtual ac-
tive cycle’ in replacement of a real load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com