Electronic Components Datasheet Search
  English  ▼

X  

TGP-651 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TGP-651
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-651 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TGP-651 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 6
Thermoharvesting Module
Micropelt TE-CORE
1.7 Absolute Maximum Ratings
Please ensure that during operation of the TE-CORE
module the below maximum ratings are not exceeded:
1.8 Mechanical and Thermal Interfaces
The PCB and the heatsink are connected by two fas-
tening screws, which fixes the TPG at the same time.
Clamping force is max. 25 cNm, because of PCB.
(see TE-CORE exploded view)
Between TGP and the heatsink a Graphite foil ensures a
good thermal path. It is used eGraph type Hitherm
2505 with 127µm as thermal interface material.
1.9 Available Versions
The TE-CORE Thermoharvesting Module is available in
two variations, differentiated by two types of TGP:

TE-CORE7: TGP-751 containing TEG MPG-D751

TE-CORE6: TGP-651 containing TEG MPG-D651
Select TE-CORE7 over TE-
CORE6 for:

Operation at lower temperature gradients

Higher output power with better heatsink;
—> 2x power over the TE-CORE6 is possible.
TE-CORE exploded view
TGP package, ready for SMD assembly
1.6 Modular Thermo-Mechanical Design
The Micropelt TE-CORE Thermoharvesting module
operates from a heat (or cold) thermal energy source.
The TGP’s aluminum top side, its thermal input, is sup-
posed be attached to the heat source. The thickness of
the thermal input acts as a spacer to protect the PCB
on one hand and to ensure a thermal separation be-
tween the hot and cold sides on the other, optimizing
energy harvesting performance through suppression
of thermal ‘cross talk’.
The thickness of the TGP’s thermal output was chosen
to provide an initial heat spreading effect towards a
heat sink and at the same time allowing for population
of electronic components next to the TGP, even below
the heatsink which usually extends well over the foot-
print of the TGP.
Exchangeable
heatsink
Heatsink interface/
thermal output
Heat source interface/
thermal input
DC booster and
power management
min
TYP
max
Hot side
temperature
+ 10 °C
-
+ 100 ºC
Ambient temp
0 ºC
+ 85 ºC
Storage temp
- 20 ºC
+ 120 ºC
ESD sensitivity
-
-
9000 V
TE-CORE7
TE-CORE6
32.5 ºC
90.5 °F
34.0 ºC
93.2 °F
DC-DC startup at
25 °C ambient
Fastening screws for
heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com