Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 11
Thermoharvesting Module
Micropelt TE-CORE
Power Management Circuitry
Above screenshot shows the voltage regulator IC2
TPS78001, the hysteresis comparator MIC833 and the
related resistors R2 - R6.
To change the TE-CORE output voltage and/or hyste-
resis, please refer the table below. Use equations
1 and 2 on page 10 to calculate different settings.
3.2 Energy storage
Energy harvesting power supply implies a duty cycling
application. The harvester usually does not provide
enough power to run the application during its active
mode. An energy buffer is needed.
Capacitance and maximum current characteristics of
the storage capacitor in concert with the hysteresis set-
tings (see 3.1.2) must comply with both surge current
and pulse duration of the application’s active cycle.
Important parameters of energy storage devices:

Low leakage

Low equivalent serial resistance (ESR) << 1 Ohm
Note: In case thin film batteries (TFB) are considered
instead of capacitors, e.g. for their extremely low leak-
age, additional care must be taken to avoid damage of
the TFB through overcharge or deep discharge.
3.1.3 Thermogenerator Direct Access
Desolder contacts of J3 to disconnect thermogenerator
and power management. With open J3 both open cir-
cuit voltage (Uoc) and short circuit current (Isc) of the
TEG can be measured at the circuit control points P3
and P2. The measured values at any specific operating
point allow for calculation of the maximum available
power Pmax according to Equation 4 below:
(Eq. 4)
4
max
Isc
Uoc
P
Voltage regulator
Comparator hysteresis
Uout
[V]
R3
[MΩ]
R2
[MΩ]
R4
[kΩ]
R5
[kΩ]
R6
[kΩ]
Ulow
[V]
Uhig
[V]
1.8
2
0.953
470
200
680
1.9
2.46
2.0
2
1.3
550
150
680
2.1
2.5
2.4
2
2
860
160
680
2.5
3.1
2.7
1.5
1.8
1000
150
680
2.73
3.3
3.0
1
1.5
1500
150
845
3.1
3.66
3.3
1
1.8
2500
249
1200
3.37
4.1
4.5
1
2.7
2000
75
680
4.52
5
Connection of
TI module RF2500T
3.3 Power supply and connector interfaces
An interface is available to connect the TE-CORE Power
harvesting kit to existing ultra-low power electronics or
wireless modules. Connecter X1 is positioned on the
right side of the TE-CORE module (pitch 1.27 mm
[0.05]). This connector is compatible to the TI eZ430-
RF2500T wireless evaluation board.
Pin 1,3,4,6 are not connected
Pin 2: VCC supply voltage (standard 2.4 V)
Pin 5: GND
Connector X1:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com