Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 12
Thermoharvesting Module
Micropelt TE-CORE
3.4 Power Conditioning and Management
The TE-CORE’s DC-DC booster and power conditioning
module provides a reference for a low-cost, high effi-
ciency pure thermoharvesting power supply. It conse-
quently uses carefully selected off-the-shelf compo-
nents in a electronic circuit which best leverages the
special electrical properties of our TEGs: high resistance
and high thermovoltage. Configurable power manage-
ment functions allow for flexible adaptation to a host
of ultra-low-power applications.
When connecting the TI ez430-RF2500T evaluation
board to the Micropelt TE-CORE Power Harvesting Sys-
tem please note the following notifications.
 The TI radio communication link (TI demonstration
software) requires a relative high amount of energy
for its initial radio link set-up,
 Initial link set-up needs for 100ms approximately
20mA current and operating voltage = 2.4 Volt
[energy consumption 4.8mJ]
 Change the value of capacitor C3 and add C33
1500µF capacitor (2x 1500µF = 3000µF; for exam-
ple: Vishay Model 592D158X06R3R2T20H).
 Set the comparator hysteresis to follow options:
Vcc turn “off” = 2.6 Volt; Vcc turn “ON” = 3.9 Volt.
Replace the resistor R4 –R6 to the next values:
R4 = 1.5 MΩ, R5 = 470 kΩ, R6 = 910 kΩ
The DC-DC booster is optimized for start up with low
temperature gradients.
In applications with small load currents, the efficiency
looks reduced while the energy storage device is being
changed and current being used by the load in parallel.
3.5 DC-DC Booster Characteristics
DC-DC booster output voltage is set to 2.4 Volt. Meas-
urement with FET Transistor at oscillator part
ATF-55143 and storage capacitor C3= 100 µF:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com