Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADB Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA9554ADB
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554ADB Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA9554ADB Datasheet HTML 27Page - NXP Semiconductors PCA9554ADB Datasheet HTML 28Page - NXP Semiconductors PCA9554ADB Datasheet HTML 29Page - NXP Semiconductors PCA9554ADB Datasheet HTML 30Page - NXP Semiconductors PCA9554ADB Datasheet HTML 31Page - NXP Semiconductors PCA9554ADB Datasheet HTML 32Page - NXP Semiconductors PCA9554ADB Datasheet HTML 33Page - NXP Semiconductors PCA9554ADB Datasheet HTML 34Page - NXP Semiconductors PCA9554ADB Datasheet HTML 35Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
32 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
16. Revision history
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9554_9554A v.9
20130319
Product data sheet
-
PCA9554_9554A v.8
Modifications:
• Removed DIP16 package option (type numbers PCA9554N and PCA9554AN)
• Added Section 3.1 “Ordering options”
• Deleted (old) Figure 2, “Pin configuration for DIP16”
• Figure 10 “PCA9554A device address” modified: label corrected from “programmable” to
“hardware selectable”
• Figure 16 “Definition of timing” modified: added 0.7  VDD and 0.3  VDD reference lines
• Deleted (old) Figure 18, “Package outline SOT38-4 (DIP16)”
• Deleted (old) Section 14, “Soldering of through-hole mount packages”
• Added Section 14 “Soldering: PCB footprints”
PCA9554_9554A v.8
20110726
Product data sheet
-
PCA9554_9554A v.7
PCA9554_9554A v.7
20061113
Product data sheet
-
PCA9554_9554A v.6
PCA9554_9554A v.6
(9397 750 13289)
20040930
Product data
-
PCA9554_9554A v.5
PCA9554_9554A v.5
(9397 750 10163)
20020726
Product data
853-2243 28672 of
26 July 2002
PCA9554_9554A v.4
PCA9554_9554A v.4
(9397 750 09817)
20020513
Product specification
-
PCA9554_9554A v.3
PCA9554_9554A v.3
(9397 750 08342)
20010507
Product specification
-
PCA9554_9554A v.2
PCA9554_9554A v.2
(9397 750 08209)
20010319
Product specification
-
PCA9554_9554A v.1
PCA9554_9554A v.1
(9397 750 08159)
20010319
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com