Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9554ADB
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554ADB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9554ADB Datasheet HTML 10Page - NXP Semiconductors PCA9554ADB Datasheet HTML 11Page - NXP Semiconductors PCA9554ADB Datasheet HTML 12Page - NXP Semiconductors PCA9554ADB Datasheet HTML 13Page - NXP Semiconductors PCA9554ADB Datasheet HTML 14Page - NXP Semiconductors PCA9554ADB Datasheet HTML 15Page - NXP Semiconductors PCA9554ADB Datasheet HTML 16Page - NXP Semiconductors PCA9554ADB Datasheet HTML 17Page - NXP Semiconductors PCA9554ADB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
14 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
[1]
VDD must be lowered to 0.2 V for at least 5 s in order to reset part.
[2]
Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
[3]
The total current sourced by all I/Os must be limited to 85 mA.
10. Dynamic characteristics
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data output to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
Select inputs A0, A1, A2
VIL
LOW-level input voltage
0.5
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
ILI
input leakage current
1-
1
A
Table 10.
Static characteristics …continued
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 11.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
s
tHD;STA
hold time (repeated) START condition
4.0
-
0.6
-
s
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
s
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
s
tHD;DAT
data hold time
0
-
0
-
s
tVD;ACK
data valid acknowledge time
[1]
0.3
3.45
0.1
0.9
s
tVD;DAT
data valid time
[2]
300
-
50
-
ns
tSU;DAT
data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
s
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
s
tr
rise time of both SDA and SCL signals
-
1000
20 + 0.1Cb[3]
300
ns
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb[3]
300
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
Port timing
tv(Q)
data output valid time
-
200
-
200
ns
tsu(D)
data input set-up time
100
-
100
-
ns
th(D)
data input hold time
1
-
1
-
s
Interrupt timing
tv(INT_N)
valid time on pin INT
-4
-
4
s
trst(INT_N)
reset time on pin INT
-4
-
4
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com