Electronic Components Datasheet Search
  English  ▼

X  

BT151 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT151
Description  Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT151 Datasheet(HTML) 2 Page - NXP Semiconductors

  BT151 Datasheet HTML 1Page - NXP Semiconductors BT151 Datasheet HTML 2Page - NXP Semiconductors BT151 Datasheet HTML 3Page - NXP Semiconductors BT151 Datasheet HTML 4Page - NXP Semiconductors BT151 Datasheet HTML 5Page - NXP Semiconductors BT151 Datasheet HTML 6Page - NXP Semiconductors BT151 Datasheet HTML 7Page - NXP Semiconductors BT151 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1;3 Semiconductors
Product specification
Thyristors
BT151 series C
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated thyristors in a plastic
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
envelope, intended for use in
applications
requiring
high
BT151-
500C
650C
800C
bidirectional
blocking
voltage
V
DRM,
Repetitive peak off-state
500
650
800
V
capability and high thermal cycling
V
RRM
voltages
performance. Typical applications
I
T(AV)
Average on-state current
7.5
7.5
7.5
A
include motor control, industrial
I
T(RMS)
RMS on-state current
12
12
12
A
and domestic lighting, heating and
I
TSM
Non-repetitive peak on-state
100
100
100
A
static switching.
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
3
gate
tab
anode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 60134).
SYMBO
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
L
-500C
-650C
-800C
V
DRM,
Repetitive peak
-
500
1
650
1
800
V
V
RRM
off-state voltages
I
T(AV)
Average on-state
half sine wave; T
mb
≤ 109 ˚C
-
7.5
A
current
I
T(RMS)
RMS on-state current
all conduction angles
-
12
A
I
TSM
Non-repetitive peak
half sine wave; T
j = 25 ˚C
on-state current
prior to surge
t = 10 ms
-
100
A
t = 8.3 ms
-
110
A
I
2tI2t for fusing
t = 10 ms
-
50
A
2s
dI
T/dt
Repetitive rate of rise of I
TM = 20 A; IG = 50 mA;
-
50
A/
μs
on-state current after
dI
G/dt = 50 mA/
μs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
V
RGM
Peak reverse gate
-
5
V
voltage
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
ak
g
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15 A/
μs.
April 2004
1
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com