Electronic Components Datasheet Search
  English  ▼

X  

BT151 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT151
Description  Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT151 Datasheet(HTML) 6 Page - NXP Semiconductors

  BT151 Datasheet HTML 1Page - NXP Semiconductors BT151 Datasheet HTML 2Page - NXP Semiconductors BT151 Datasheet HTML 3Page - NXP Semiconductors BT151 Datasheet HTML 4Page - NXP Semiconductors BT151 Datasheet HTML 5Page - NXP Semiconductors BT151 Datasheet HTML 6Page - NXP Semiconductors BT151 Datasheet HTML 7Page - NXP Semiconductors BT151 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1;3 Semiconductors
Product specification
Thyristors
BT151 series C
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. SOT78 (TO220AB). pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for SOT78 (TO220) envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
April 2004
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com