Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 12Page - NXP Semiconductors ISP1507CBS Datasheet HTML 13Page - NXP Semiconductors ISP1507CBS Datasheet HTML 14Page - NXP Semiconductors ISP1507CBS Datasheet HTML 15Page - NXP Semiconductors ISP1507CBS Datasheet HTML 16Page - NXP Semiconductors ISP1507CBS Datasheet HTML 17Page - NXP Semiconductors ISP1507CBS Datasheet HTML 18Page - NXP Semiconductors ISP1507CBS Datasheet HTML 19Page - NXP Semiconductors ISP1507CBS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
16 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
8.2 USB and OTG state transitions
A Hi-Speed USB peripheral, host or OTG device handles more than one electrical state as
defined in
Universal Serial Bus Specification Rev. 2.0 and On-The-Go Supplement to the
USB 2.0 Specification Rev. 1.3. The ISP1507 accommodates the various states through
register bit settings of XCVRSELECT[1:0], TERMSELECT, OPMODE[1:0],
DP_PULLDOWN and DM_PULLDOWN.
Table 7 summarizes operating states. The values of register settings in Table 7 will force
resistor settings as also given in Table 7. Resistor setting signals are defined as follows:
• RPU_DP_EN enables the 1.5 k
Ω pull-up resistor on DP
• RPD_DP_EN enables the 15 k
Ω pull-down resistor on DP
• RPD_DM_EN enables the 15 k
Ω pull-down resistor on DM
• HSTERM_EN enables the 45
Ω termination resistors on DP and DM
It is up to the link to set the desired register settings.
Table 6.
Signal mapping for 3-pin serial mode
Signal
Maps to
Direction
Description
TX_ENABLE
DATA0
I
active HIGH transmit enable
DAT
DATA1
I/O
transmit differential data on DP and DM when TX_ENABLE is HIGH
receive differential data from DP and DM when TX_ENABLE is LOW
SE0
DATA2
I/O
transmit single-ended zero on DP and DM when TX_ENABLE is HIGH
receive single-ended zero from DP and DM when TX_ENABLE is LOW
INT
DATA3
O
active HIGH interrupt indication; will be asserted whenever any
unmasked interrupt occurs
Reserved
DATA[7:4]
O
reserved; the ISP1507 will drive these pins to LOW
Table 7.
Operating states and their corresponding resistor settings
Signaling mode
Register settings
Internal resistor settings
XCVR
SELECT
[1:0]
TERM
SELECT
OPMODE
[1:0]
DP_PULL
DOWN
DM_PULL
DOWN
RPU_
DP_EN
RPD_
DP_EN
RPD_
DM_EN
HSTERM
_EN
General settings
3-state drivers
XXb
Xb
01b
Xb
Xb
0b
0b
0b
0b
Power-up or
VBUS <VB_SESS_END
01b
0b
00b
1b
1b
0b
1b
1b
0b
Host settings
Host chirp
00b
0b
10b
1b
1b
0b
1b
1b
1b
Host high-speed
00b
0b
00b
1b
1b
0b
1b
1b
1b
Host full-speed
X1b
1b
00b
1b
1b
0b
1b
1b
0b
Host high-speed or
full-speed suspend
01b
1b
00b
1b
1b
0b
1b
1b
0b
Host high-speed or
full-speed resume
01b
1b
10b
1b
1b
0b
1b
1b
0b
Host low-speed
10b
1b
00b
1b
1b
0b
1b
1b
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com