Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 71 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 66Page - NXP Semiconductors ISP1507CBS Datasheet HTML 67Page - NXP Semiconductors ISP1507CBS Datasheet HTML 68Page - NXP Semiconductors ISP1507CBS Datasheet HTML 69Page - NXP Semiconductors ISP1507CBS Datasheet HTML 70Page - NXP Semiconductors ISP1507CBS Datasheet HTML 71Page - NXP Semiconductors ISP1507CBS Datasheet HTML 72Page - NXP Semiconductors ISP1507CBS Datasheet HTML 73Page - NXP Semiconductors ISP1507CBS Datasheet HTML 74Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
71 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
24. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .3
Table 2.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .5
Table 3.
ULPI signal description . . . . . . . . . . . . . . . . . .13
Table 4.
Signal mapping during low-power mode . . . . .14
Table 5.
Signal mapping for 6-pin serial mode . . . . . . .15
Table 6.
Signal mapping for 3-pin serial mode . . . . . . .16
Table 7.
Operating states and their corresponding
resistor settings . . . . . . . . . . . . . . . . . . . . . . . .16
Table 8.
TXCMD byte format . . . . . . . . . . . . . . . . . . . . .22
Table 9.
RXCMD byte format . . . . . . . . . . . . . . . . . . . . .23
Table 10. LINESTATE[1:0] encoding for upstream
facing ports: peripherals . . . . . . . . . . . . . . . . .24
Table 11. LINESTATE[1:0] encoding for downstream
facing ports: host . . . . . . . . . . . . . . . . . . . . . . .24
Table 12. Encoded VBUS voltage state . . . . . . . . . . . . . .24
Table 13. VBUS indicators in RXCMD required for
typical applications . . . . . . . . . . . . . . . . . . . . . .25
Table 14. Encoded USB event signals . . . . . . . . . . . . . .26
Table 15. PHY pipeline delays . . . . . . . . . . . . . . . . . . . . .30
Table 16. Link decision times . . . . . . . . . . . . . . . . . . . . .31
Table 17. Immediate register set overview . . . . . . . . . . .43
Table 18. Extended register set overview . . . . . . . . . . . .43
Table 19. VENDOR_ID_LOW - Vendor ID Low
register (address R = 00h) bit description . . . .44
Table 20. VENDOR_ID_HIGH - Vendor ID High
register (address R = 01h) bit description . . . .44
Table 21. PRODUCT_ID_LOW - Product ID Low
register (address R = 02h) bit description . . . .44
Table 22. PRODUCT_ID_HIGH - Product ID High
register (address R = 03h) bit description . . . .44
Table 23. FUNC_CTRL - Function Control register
(address R = 04h to 06h, W = 04h, S = 05h,
C = 06h) bit allocation . . . . . . . . . . . . . . . . . . .44
Table 24. FUNC_CTRL - Function Control register
(address R = 04h to 06h, W = 04h, S = 05h,
C = 06h) bit description . . . . . . . . . . . . . . . . . .45
Table 25. INTF_CTRL - Interface Control register
(address R = 07h to 09h, W = 07h, S = 08h,
C = 09h) bit allocation . . . . . . . . . . . . . . . . . . .46
Table 26. INTF_CTRL - Interface Control register
(address R = 07h to 09h, W = 07h, S = 08h,
C = 09h) bit description . . . . . . . . . . . . . . . . . .46
Table 27. OTG_CTRL - OTG Control register
(address R = 0Ah to 0Ch, W = 0Ah, S = 0Bh,
C = 0Ch) bit allocation . . . . . . . . . . . . . . . . . . .47
Table 28. OTG_CTRL - OTG Control register
(address R = 0Ah to 0Ch, W = 0Ah, S = 0Bh,
C = 0Ch) bit description . . . . . . . . . . . . . . . . . .47
Table 29. USB_INTR_EN_R_E - USB Interrupt Enable
Rising Edge register (address R = 0Dh to 0Fh,
W = 0Dh, S = 0Eh, C = 0Fh) bit allocation . . . .48
Table 30. USB_INTR_EN_R_E - USB Interrupt Enable
Rising Edge register (address R = 0Dh to 0Fh,
W = 0Dh, S = 0Eh, C = 0Fh) bit description . .48
Table 31. USB_INTR_EN_F_E - USB Interrupt Enable
Falling Edge register (address R = 10h to 12h,
W = 10h, S = 11h, C = 12h) bit allocation . . . . 48
Table 32. USB_INTR_EN_F_E - USB Interrupt Enable
Falling Edge register (address R = 10h to 12h,
W = 10h, S = 11h, C = 12h) bit description . . . 48
Table 33. USB_INTR_STAT - USB Interrupt Status
register (address R = 13h) bit allocation . . . . . 49
Table 34. USB_INTR_STAT - USB Interrupt Status
register (address R = 13h) bit description . . . . 49
Table 35. USB_INTR_L - USB Interrupt Latch register
(address R = 14h) bit allocation . . . . . . . . . . . 49
Table 36. USB_INTR_L - USB Interrupt Latch register
(address R = 14h) bit description . . . . . . . . . . 49
Table 37. DEBUG - Debug register (address R = 15h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 38. DEBUG - Debug register (address R = 15h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 39. SCRATCH - Scratch register (address R =
16h to 18h, W = 16h, S = 17h, C = 18h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 40. PWR_CTRL - Power Control register
(address R = 3Dh to 3Fh, W = 3Dh, S = 3Eh,
C = 3Fh) bit allocation . . . . . . . . . . . . . . . . . . . 50
Table 41. PWR_CTRL - Power Control register
(address R = 3Dh to 3Fh, W = 3Dh, S = 3Eh,
C = 3Fh) bit description . . . . . . . . . . . . . . . . . . 51
Table 42. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 43. Recommended operating conditions . . . . . . . . 53
Table 44. Static characteristics: supply pins . . . . . . . . . . 54
Table 45. Static characteristics: digital pins
(CLOCK, DIR, STP, NXT, DATA[7:0],
RESET_N/PSW_N) . . . . . . . . . . . . . . . . . . . . . 54
Table 46. Static characteristics: pin VBUS/FAULT . . . . . . 55
Table 47. Static characteristics: analog I/O pins
(DP, DM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 48. Static characteristics: VBUS comparators . . . . 57
Table 49. Static characteristics: VBUS resistors . . . . . . . . 57
Table 50. Static characteristics: resistor reference . . . . . 57
Table 51. Dynamic characteristics: reset and clock . . . . 58
Table 52. Dynamic characteristics: digital I/O pins . . . . . 58
Table 53. Dynamic characteristics: analog I/O pins
(DP, DM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Table 54. Recommended bill of materials . . . . . . . . . . . . 62
Table 55. SnPb eutectic process (from J-STD-020C) . . . 67
Table 56. Lead-free process (from J-STD-020C) . . . . . . 67
Table 57. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Table 58. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com