Electronic Components Datasheet Search
  English  ▼

X  

ISP1507D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1507D
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507D Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1507D Datasheet HTML 1Page - NXP Semiconductors ISP1507D Datasheet HTML 2Page - NXP Semiconductors ISP1507D Datasheet HTML 3Page - NXP Semiconductors ISP1507D Datasheet HTML 4Page - NXP Semiconductors ISP1507D Datasheet HTML 5Page - NXP Semiconductors ISP1507D Datasheet HTML 6Page - NXP Semiconductors ISP1507D Datasheet HTML 7Page - NXP Semiconductors ISP1507D Datasheet HTML 8Page - NXP Semiconductors ISP1507D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
2 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
N Integrated VBUS voltage comparators
I Highly optimized ULPI compliant
N 60 MHz, 8-bit interface between the core and the transceiver
N Supports 60 MHz output clock configuration
N Integrated Phase-Locked Loop (PLL) supporting one crystal or clock frequency:
19.2 MHz (ISP1507CBS) and 26 MHz (ISP1507DBS)
N Fully programmable ULPI-compliant register set
N Internal Power-On Reset (POR) circuit
I Flexible system integration and very low current consumption, optimized for portable
devices
N Power-supply input range is 3.0 V to 3.6 V
N Internal voltage regulator supplies 3.3 V and 1.8 V
N Supports external VBUS charge pump
N External VBUS source is controlled using the PSW_N pin; open-drain PSW_N
allows per-port or ganged power control
N FAULT input pin to monitor the external VBUS supply status
N Supports wide range interfacing I/O voltage of 1.65 V to 3.6 V; separate I/O voltage
pins minimize crosstalk
N Typical operating current of 10 mA to 48 mA, depending on the USB speed and
bus utilization
N Typical suspend current of 35 µA
I Full industrial grade operating temperature range from −40 °C to +85 °C
I 4 kV ElectroStatic Discharge (ESD) protection on pins DP, DM, VBUS and GND
I Available in a small HVQFN24 (4 mm × 4 mm) Restriction of Hazardous Substances
(RoHS) compliant, halogen-free and lead-free package
3.
Applications
I Digital still camera
I Digital TV
I Digital Video Disc (DVD) recorder
I External storage device, for example:
N Magneto-Optical (MO) drive
N Optical drive: CD-ROM, CD-RW, DVD
N Zip drive
I Mobile phone
I MP3 player
I PDA
I Printer
I Scanner
I Set-Top Box (STB)
I Video camera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com