Electronic Components Datasheet Search
  English  ▼

X  

ISP1507D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1507D
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1507D Datasheet HTML 17Page - NXP Semiconductors ISP1507D Datasheet HTML 18Page - NXP Semiconductors ISP1507D Datasheet HTML 19Page - NXP Semiconductors ISP1507D Datasheet HTML 20Page - NXP Semiconductors ISP1507D Datasheet HTML 21Page - NXP Semiconductors ISP1507D Datasheet HTML 22Page - NXP Semiconductors ISP1507D Datasheet HTML 23Page - NXP Semiconductors ISP1507D Datasheet HTML 24Page - NXP Semiconductors ISP1507D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
21 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
The interface protect feature can be disabled by setting the INTF_PROT_DIS bit to logic 1.
9.3.2 Interface behavior with respect to RESET_N
The use of the RESET_N pin is optional. When RESET_N is asserted (LOW), the
ISP1507 will assert DIR. All logic in the ISP1507 will be reset, including the analog
circuitry and ULPI registers. During reset, the link must drive DATA[7:0] and STP to LOW;
otherwise undefined behavior may result. When RESET_N is deasserted (HIGH), the DIR
output will deassert (LOW) four or five clock cycles later. Figure 5 shows the ULPI
behavior when RESET_N is asserted (LOW), and subsequently deasserted (HIGH). If
RESET_N is not used, it must be connected to VCC(I/O).
9.4 VBUS power and fault detection
9.4.1 Driving 5 V on VBUS
The ISP1507 supports external 5 V supplies. The ISP1507 can control the external supply
using the active-LOW PSW_N open-drain output pin. To enable the external supply by
driving PSW_N to LOW, the link must set the DRV_VBUS_EXT bit in the OTG_CTRL
register (see Section 10.1.4) to logic 1. When the DRV_VBUS_EXT bit is set, the
DRV_VBUS bit can be set to any value and will be ignored.
9.4.2 Fault detection
The ISP1507 supports external VBUS fault detector circuits. An overcurrent detection
circuit is required for host applications that supply more than 100 mA on VBUS for voltages
between 4.75 V to 5.25 V. For low-power applications supplying less than 100 mA, the
VBUS power line can directly be connected to the VBUS/FAULT pin on the ISP1507 and the
link can utilize the internal A_VBUS_VLD comparator.
The ISP1507 supports external VBUS fault detector circuits that output a digital fault
indicator signal. The indicator signal must be connected to the VBUS/FAULT pin. To enable
the ISP1507 to monitor the digital fault input, the link must set the USE_EXT_VBUS_IND
bit in the OTG_CTRL register (see Section 10.1.4) and the IND_PASSTHRU bit in the
INTF_CTRL register (see Section 10.1.3) to logic 1. For details, see Figure 7.
Fig 5.
Interface behavior with respect to RESET_N
CLOCK
004aaa720
STP
RESET_N
DATA[7:0]
DIR
NXT
Hi-Z (input)
Hi-Z (input)
Hi-Z (input)
Hi-Z (input)
Hi-Z (link must drive)
Hi-Z (link must drive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com