Electronic Components Datasheet Search
  English  ▼

X  

KMBT010 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # KMBT010
Description  Ceramic Trimmer Capacitors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMBT010 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button KMBT010 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
c Notice (Storage and Operating Conditions)
c Notice (Soldering and Mounting)
c Notice (Handling)
T13E.pdf
Aug.10,2012
19
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
c Notice (Other)
Before using trimmer capacitors, please test after
assembly in your particular mass production system.
1. Use suitable screwdrivers that fit comfortably in
driver slot.
(1) Recommended screwdriver for manual adjustment
VESSEL: No.9000 -0.9x30
(Murata P/N : KMDR020)
(2) Recommended screwdriver bit for automatic
adjustment
MURATA: KMBT020
2. When adjusting with a screwdriver, do not apply
excessive force (preferably 1.0 N [Ref: 100gf] max.)
to minimize capacitance drift. Excessive force applied
to the screwdriver slot may cause deformation of the
products.
3. Do not apply adhesive, lock paints, or any other
substances to the trimmer capacitor to secure the
rotor position. They may cause corrosion or
electrical contact problems.
1. Do not use the trimmer capacitor under atmosphere
of RTV silicone rubber (Room Temperature
Vulcanizing Silicone Rubber) except Acetone
liberating silicone sealant.
2. Before using trimmer capacitors, please store under
the conditions of -10 to +40°C and 30 to 85%RH.
3. Do not store in or near corrosive gasses.
4. Use within 6 months of delivery.
5. Do not store under direct sunlight.
6. Do not use the trimmer capacitor under the
conditions listed below.
(1) Corrosive gasses atmosphere
(ex. Chlorine gas, Hydrogen sulfide gas,
Ammonia gas, Sulfuric acid gas, Nitric oxide gas,
etc.)
(2) In liquid (ex. water, oil, medical liquid,
organic solvent, etc.)
(3) Dusty / dirty atmosphere
(4) Direct sunlight
(5) Static voltage or electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
1. Soldering
(1) TZV2 series can be soldered by reflow soldering
method and soldering iron. Do not use flow
soldering method (dipping).
(2) Soldering conditions
Refer to the temperature profile.
If the soldering conditions are not suitable, e.g.,
excessive time and/or excessive temperature, the
trimmer capacitor may deviate from the specified
characteristics.
(3) The amount of solder is critical.
(4) The thickness of solder paste should be printed
from 120 micro m to 170 micro m and the dimension
of land pattern should be Murata's standard land
pattern used at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause
bridging between the terminals or contact
failure due to flux wicking up.
(5) When using soldering iron, the diameter of the
string solder shall be less than 0.5mm. The
string solder shall be applied to the lower
part of the terminal only. Do not apply flux
except to the terminals. Excessive amounts of
solder and/or applying solder to the upper part
of the terminal may cause fixed metal rotor or
contact failure due to flux invasion into
the movable part and/or the contact point. The
soldering iron should not come in contact with
the monolithic stator of the trimmer capacitor.
If such contact does occur, the trimmer
capacitor may be damaged.
(6) Our recommended chlorine content of solder is
as follows.
(a) Solder paste: 0.2wt% max.
(b) String solder: 0.5wt% max.
(7) Do not use water-soluble flux (for water
cleaning). To prevent the deterioration of
trimmer capacitor characteristics, apply flux
only to terminals.
2. Mounting
(1) Do not apply excessive force (preferably 5.0 N
[Ref: 500gf] max.), when the trimmer capacitor
is mounted on the PCB.
(2) Do not warp and/or bend PCB to protect trimmer
capacitor from breakage.
(3) Use a pick-up nozzle of a suitable dimension.
(1.8mm external diameter and 1.3mm bore diameter.)
3. Cleaning
This product cannot be cleaned because of open
construction.
4. Other
Note the polarity of the trimmer capacitor to
minimize influence by stray capacitance.
(Refer to the dimensions concerning the polarity.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com