Electronic Components Datasheet Search
  English  ▼

X  

KMBT010 Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # KMBT010
Description  Ceramic Trimmer Capacitors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMBT010 Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button KMBT010 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. KMBT010 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Packaging
Part Number
TZR1
TZS2
TZY2
TZV2
TZC3
TZW4
TZB4
TZ03
3000
3000
2000
2000
1000
500
500
-
ø180mm Reel
-
-
-
-
-
-
2500
-
ø330mm Reel
500
500
500
500
500
100
500
1000
Bulk
Minimum Quantity (pcs.)
c Minimum Quantity
4.0±0.1
2.0±0.1
4.0±0.1
1.5
dia.
+0.1
-0
1.8±0.2
1.05±0.2
0.25±0.1
(in mm)
c Tape Dimensions
TZR1 Series
4.0±0.1
2.0±0.1
4.0±0.1
1.5 -0
dia.
+0.1
2.5±0.2
1.25±0.2
0.25±0.1
(in mm)
TZS2 Series
1.5
+0.1
– 0 dia.
2.0
4.0
A
A
2.7±0.2
4.0
0.25
t
A-Across
section
t=TZY2 (TZVY2) : 1.6±0.2
TZV2 (TZV02) : 1.9±0.2
Tolerance: ±0.1
in mm
TZY2/TZV2 Series
1.5
+0.1
– 0 dia.
A
2
8
4
0.3
2.0±0.2
A
A-Across
section
Tolerance : ±0.1
in mm
3.6±0.2
TZC3 Series
1.5
+0.1
– 0 dia.
A
2
8
4
0.3
2.6
A
A-Across
section
Tolerance: ±0.1
in mm
4.6
TZW4 Series
1.5
+0.1
– 0 dia.
8.0
2.0
4 .0
A
A
1.8
4.3
3.55±0.2
0.3±0.1
A-Across
section
Direction of feed
Tolerance: ±0.1
in mm
TZB4 Series
Continued on the following page.
T13E.pdf
Aug.10,2012
37
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com