Electronic Components Datasheet Search
  English  ▼

X  

SP721APP Datasheet(PDF) 2 Page - Littelfuse

Part # SP721APP
Description  SP721 Series 3pF 4kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721APP Datasheet(HTML) 2 Page - Littelfuse

  SP721APP Datasheet HTML 1Page - Littelfuse SP721APP Datasheet HTML 2Page - Littelfuse SP721APP Datasheet HTML 3Page - Littelfuse SP721APP Datasheet HTML 4Page - Littelfuse SP721APP Datasheet HTML 5Page - Littelfuse SP721APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP721 Series
Absolute Maximum Ratings
Parameter
Rating
Units
Continuous Supply Voltage, (V+) - (V-)
+35
V
Forward Peak Current, I
IN to VCC, IIN to GND
(Refer to Figure 5)
±2, 100µs
A
Electrical Characteristics T
A = -40
oC to 105oC,V
IN = 0.5VCC , Unless Otherwise Specified
Thermal Information
Parameter
Rating
Units
Thermal Resistance (Typical, Note 1)
θ
JA
o
C/W
PDIP Package
160
o
C/W
SOIC Package
170
o
C/W
Maximum Storage Temperature Range
-65 to 150
o
C
Maximum Junction Temperature (Plastic
Package)
150
o
C
Maximum Lead Temperature
(Soldering 20-40s)(SOIC Lead Tips Only)
260
o
C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage Range,
V
SUPPLY
-
2 to 30
-
V
V
SUPPLY = [(V+) - (V-)]
Forward Voltage Drop
IN to V-
V
FWDL
I
IN = 1A (Peak Pulse)
-
2
-
V
IN to V+
V
FWDH
-
2
-
V
Input Leakage Current
I
IN
-20
5
+20
nA
Quiescent Supply Current
I
QUIESCENT
-
50
200
nA
Equivalent SCR ON Threshold
Note 3
-
1.1
-
V
Equivalent SCR ON Resistance
V
FWD/IFWD; Note 3
-
1
-
Ω
Input Capacitance
C
IN
-
3
-
pF
Input Switching Speed
t
ON
-
2
-
ns
Note:
ESD Ratings and Capability (Figure 1, Table 1)
Load Dump and Reverse Battery (Note 2)
1. θ
JA is measured with the component mounted on an evaluation PC board in free air.
Notes:
2. In automotive and battery operated systems, the power supply lines should be externally protected for load dump and reverse battery. When the V+ and V- Pins are connected to het same
supply voltage source as the device or control line under protection, a current limiti ng resistor should be connected in series between the external supply and the SP721 supply pins to
limit reverse battery current to within the rated maximum limits. Bypass capacitors of typically 0.01µF or larger romf the V+ and V- Pins to ground are recommended.
3. Refer to the Figure 3 graph for definitions of equivalent “SCR ON Threshold” and “SCR ON Resistance”.These characteristics are given here for thumb-rule nformation to determine peak
current and dissipation under EOS conditions.
FIGURE 4. TYPICAL APPLICATION OF THE SP721 AS AN INPUT CLAMP FOR OVER-VOLTAGE, GREATER THAN 1VBE ABOVE V+ OR
LESS THAN -1VBE BELOW V-
+VCC
INPUT
DRIVERS
SP721 INPUT PROTECTION CIRCUIT (1 OF 6 SHO WN)
OR
SIGNAL
SOURCES
IN 5 - 7
IN 1 - 3
SP721
V-
TO +VCC
LINEAR OR
DIGITAL IC
INTERFACE
V+
+VCC
(Application as an Input Clamp for Over-voltage, Greater
than 1V
BE Above V+ or less than -1VBE below V-)
Typical Application of the SP721



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com