Electronic Components Datasheet Search
  English  ▼

X  

SP721APP Datasheet(PDF) 1 Page - Littelfuse

Part # SP721APP
Description  SP721 Series 3pF 4kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721APP Datasheet(HTML) 1 Page - Littelfuse

  SP721APP Datasheet HTML 1Page - Littelfuse SP721APP Datasheet HTML 2Page - Littelfuse SP721APP Datasheet HTML 3Page - Littelfuse SP721APP Datasheet HTML 4Page - Littelfuse SP721APP Datasheet HTML 5Page - Littelfuse SP721APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP721 Series
Description
Features
• ESD Interface Capability for HBM Standards
- MIL STD 3015.7................................................. 15kV
- IEC 61000-4-2, Direct Discharge,
- Single Input .......................................... 4kV (Level 2)
- Two Inputs in Parallel ............................ 8kV (Level 4)
- IEC 61000-4-2, Air Discharge...............15kV (Level 4)
• High Peak Current Capability
- IEC 61000-4-5 (8/20µs) ....................................... ±3A
- Single Pulse, 100µs Pulse Width ........................ ±2A
- Single Pulse, 4µs Pulse Width............................ ±5A
• Designed to Provide Over-Voltage Protection
- Single-Ended Voltage Range to ........................ +30V
- Differential Voltage Range to ............................ ±15V
• Fast Switching.............................................2ns Rise Time
• Low Input Leakages............................1nA at 25ºC Typical
• Low Input Capacitance.....................................3pF Typical
• An Array of 6 SCR/Diode Pairs
• Operating Temperature Range....................-40ºC to 105ºC
Applications
The SP721 is an array of SCR/Diode bipolar structures for
ESD and over-voltage protection to sensitive input circuits.
The SP721 has 2 protection SCR/Diode device structures
per input. There are a total of 6 available inputs that can be
used to protect up to 6 external signal or bus lines. Over-
voltage protection is from the IN (Pins 1 - 3 and Pins 5 - 7)
to V+ or V-.
The SCR structures are designed for fast triggering at a
threshold of one +V
BE diode threshold above V+ (Pin 8) or
a -V
BE diode threshold below V- (Pin 4). From an IN input,
a clamp to V+ is activated if a transient pulse causes the
input to be increased to a voltage level greater than one
V
BE above V+. A similar clamp to V- is activated if a negative
pulse, one V
BE less than V-, is applied to an IN input.
Standard ESD Human Body Model (HBM) Capability is:
• Microprocessor/Logic
Input Protection
• Data Bus Protection
• Analog Device Input
Protection
• Voltage Clamp
Pinout
Functional Block Diagram
4
V+
V-
IN
3, 5-7
IN
IN
1
8
2
SP721 (PDIP, SOIC)
TOP VIEW
IN
IN
IN
V-
1
2
3
4
8
7
6
5
V+
IN
IN
IN
RoHS Pb GREEN
SP721 Series 3pF 4kV Diode Array
Additional Information
Datasheet
Resources
Samples


Similar Part No. - SP721APP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP721AP HARRIS-SP721AP Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP721AP LITTELFUSE-SP721AP Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
More results

Similar Description - SP721APP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
SP720 Series 3pF 4kV Rail Clamp Array
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
logo
Sanken electric
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
Steering Diode Array Series
logo
Taiwan Semiconductor Co...
TESD5V0V4UCU6 TSC-TESD5V0V4UCU6 Datasheet
462Kb / 6P
VWM=5V, 3pF ESD Protection Array
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com