Electronic Components Datasheet Search
  English  ▼

X  

MBB0207 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBB0207
Description  Professional Thin Film Leaded Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 03-Dec-12
23
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Professional Thin Film Leaded Resistors
Vishay Beyschlag
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Standard products are not CECC approved
(2) Resistance value to be selected from E24 series for ± 5 %, ± 2 % tolerance, from E24/E96 series for ± 1 % tolerance and from E24/E192 for
± 0.5 % tolerance
(3) AEC-Q200 qualification applies to products with TCR = ± 50 ppm/K and tolerance = ± 1 % in the ranges of 10
 to 301 k for MBA/SMA 0204,
10
 to 7.5 M for MBB/SMA 0207, and 10  to 22 M for MBE/SMA 0414
• Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability
• The PART NUMBER shown above is to facilitate the unified part numbering system for ordering products
PART NUMBER AND PRODUCT DESCRIPTION - STANDARD PRODUCTS (1)
PART NUMBER: MBB02070C1001FCT00
TYPE/SIZE
VARIANT
TCR
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MBA0204 =
MBA/SMA 0204
MBB0207 =
MBB/SMA 0207
MBE0414 =
MBE/SMA 0414
0 = Neutral
N = RB Radial 5 mm
for MBB/SMA0207
S = UB Radial 2.5 mm
for MBB/SMA0207
I = L0 Welding joint not
lacquered for
MBB/SMA 0207
B = KL Lacquered
welding joint for
MBA/SMA 0204
D = ± 25 ppm/K
C = ± 50 ppm/K
Z = Jumper
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3 2 = *102
8 = *10-2 3 = *103
9 = *10-1 4 = *104
0 = *100 5 = *105
1 = *101 6 = *106
0000 = Jumper
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
Z = Jumper
CT
C1
RP
R2
R4
N4
00 = Standard
PRODUCT DESCRIPTION: MBB/SMA 0207-50 1 % CT 1K0
MBB/SMA 0207
-
50
1 %
CT
1K0
TYPE/SIZE
TCR
TOLERANCE
VARIANT
PACKAGING
RESISTANCE
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
± 25 ppm/K
± 50 ppm/K
± 0.5 %
± 1.0 %
± 5.0 %
RB
UB
L0
KL
CT
C1
RP
R2
R4
N4
1K0 = 1 k
51R1 = 51.1
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE - STANDARD PRODUCTS (1)
TCR
TOLERANCE
RESISTANCE RANGE (2)(3)
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
± 50 ppm/K
± 5 %
0.22
 to 0.91 
0.22
 to 0.91 
11 M
 to 22 M
0.22
 to 0.91 
± 2%
-
0.22
 to 0.91 
-
± 1 %
1
 to 10 M
1
 to 10 M
1
 to 22 M
± 0.5 %
10
 to 475 k
10
 to 1 M
10
 to 2.4 M
± 25 ppm/K
± 1 %
10
 to 475 k
10
 to 1 M
10
 to 2.4 M
± 0.5 %
10
 to 475 k
10
 to 1 M
10
 to 2.4 M
Jumper
-
10 m; I
max. = 3.0 A
10 m, I
max. = 5.0 A
-
B2
0
C
1
0
F
C
T
0
B
M
70
10
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com