Electronic Components Datasheet Search
  English  ▼

X  

MBB0207 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBB0207
Description  Professional Thin Film Leaded Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 4 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 03-Dec-12
25
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Professional Thin Film Leaded Resistors
Vishay Beyschlag
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For details related to packaging specs, refer datasheet link www.vishay.com/doc?28721
DIMENSIONS
Note
(1) For 7.5
 M < 10.0 mm, use version MBB/SMA 0207 ... L0 (welding joint not lacquered)
PACKAGING - Axial products
TYPE
REEL
TAPING ACC. IEC 60286-1
BOX
TAPING ACC. IEC 60286-1
PIECES
CODE
PIECES
CODE
MBA/SMA 0204
5000
RP
1000
5000
C1
CT
MBB/SMA 0207
5000
RP
1000
5000
C1
CT
MBE/SMA 0414
2500
R2
1000
C1
DIMENSIONS - Leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax.
(mm)
Lmax.
(mm)
dnom.
(mm)
Imin.
(mm)
Mmin.
(mm)
MASS
(mg)
MBA/SMA 0204
1.6
3.6
0.5
29.0
5.0
125
MBB/SMA 0207
2.5
6.5
0.6
28.0
10.0 (1)
220
MBE/SMA 0414
4.2
11.9
0.8
31.0
15.0
700
L
d
D
I
I
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com