Electronic Components Datasheet Search
  English  ▼

X  

SDF-130J Datasheet(PDF) 3 Page - CUI INC

Part # SDF-130J
Description  STANDARD DIN CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDF-130J Datasheet(HTML) 3 Page - CUI INC

  SDF-130J Datasheet HTML 1Page - CUI INC SDF-130J Datasheet HTML 2Page - CUI INC SDF-130J Datasheet HTML 3Page - CUI INC SDF-130J Datasheet HTML 4Page - CUI INC SDF-130J Datasheet HTML 5Page - CUI INC SDF-130J Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: SDF-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
date
04/05/2012 │ page 3 of 6
SDF-40J
5.00 0.197
2.40 0.094
(2 PLCS)
5.0 0.197
(2 PLCS)
10.0 0.394
(2 PLCS)
15.0 0.591
10.0 0.394
1.30 0.051
(6 PLCS)
12.50 0.492
(2 PLCS)
5.0 0.197
10.0 0.394
7.0 0.276
13°
55°
2.7 0.106
5.0 0.197
10.0 0.394
6.5 0.256
12.5 0.492
PCB LAYOUT
TOP VIEW
2
1
4
3
1
2
3
Mounting Hole
(2 PLCS)
4
0.106
(2 PLCS)
0.579
14.7
20.7 0.815
1.6
(2 PLCS)
0.063
0.843
21.4
10.0 0.394
2.7
1.0 0.039
(2 PLCS)
6.0
1.85
0.236
0.087
2.2
0.618
15.7
(2 PLCS)
0.073
3.5 0.138
(TYP)
1.0 0.039
(4 PLCS)
SDF-50J
5.00 0.197
2.4 0.094
(2 PLCS)
15.0 0.591
10.0 0.394
5.0 0.197
(2 PLCS)
10.0 0.394
(3 PLCS)
1.3 0.051
(7 PLCS)
12.5 0.492
(2 PLCS)
10.0 0.394
5.0 0.197
10.0 0.394
15.0 0.591
45°
7.0 0.276
14.8 0.583
0.492
12.5
0.197
5.0
2.7 0.106
3.5 0.138
(TYP)
10.0 0.394
20.7 0.815
21.4 0.843
14.7 0.579
(2 PLCS)
0.106
2.7
1.0 0.039
(2 PLCS)
1.6 0.063
(2 PLCS)
0.724
0.087
2.2
18.4
0.256
(2 PLCS)
0.073
1.85
6.5
6.0 0.236
1.0 0.039
(5 PLCS)
PCB LAYOUT
TOP VIEW
4
Mounting Hole
(2 PLCS)
4
1
2
1
35
5
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com