Electronic Components Datasheet Search
  English  ▼

X  

SDF-130J Datasheet(PDF) 1 Page - CUI INC

Part # SDF-130J
Description  STANDARD DIN CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDF-130J Datasheet(HTML) 1 Page - CUI INC

  SDF-130J Datasheet HTML 1Page - CUI INC SDF-130J Datasheet HTML 2Page - CUI INC SDF-130J Datasheet HTML 3Page - CUI INC SDF-130J Datasheet HTML 4Page - CUI INC SDF-130J Datasheet HTML 5Page - CUI INC SDF-130J Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date
04/05/2012
page
1 of 6
cui.com
SERIES:
SDF-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
FEATURES
• PCB mount
• front shielded
• right angle
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
all models
130 model
all other models
100
12
24
Vac
Vdc
Vdc
rated input current
130 model, at 100 Vac
all other models, at 100 Vac
130 model, at 12 Vdc
all other models, at 24 Vdc
1
2
2
1
A
A
A
A
contact resistance
20
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
80 model
130 model
all other models
6.5
3
5
kg
kg
kg
withdrawl force
40 model
80 model
130 model
all other models
0.6
1
0.5
1
3
5
2
3.5
kg
kg
kg
kg
operating temperature
-40
85
°C
life
1,000
cycles
SDF - XX J
Base Number
PART NUMBER KEY
Pin Options
30 = 3 pins
40 = 4 pins
50 = 5 pins, 180 degrees
51 = 5 pins, 240 degrees
60 = 6 pins
70 = 7 pins
80 = 8 pins
130 = 13 pins


Similar Part No. - SDF-130J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDF-130J CUI-SDF-130J Datasheet
415Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDF-130J CUID-SDF-130J Datasheet
1Mb / 9P
STANDARD DIN CONNECTOR
08/05/2022
More results

Similar Description - SDF-130J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com