Electronic Components Datasheet Search
  English  ▼

X  

ISO35DWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35DWR
Description  ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35DWR Datasheet(HTML) 4 Page - Texas Instruments

  ISO35DWR Datasheet HTML 1Page - Texas Instruments ISO35DWR Datasheet HTML 2Page - Texas Instruments ISO35DWR Datasheet HTML 3Page - Texas Instruments ISO35DWR Datasheet HTML 4Page - Texas Instruments ISO35DWR Datasheet HTML 5Page - Texas Instruments ISO35DWR Datasheet HTML 6Page - Texas Instruments ISO35DWR Datasheet HTML 7Page - Texas Instruments ISO35DWR Datasheet HTML 8Page - Texas Instruments ISO35DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISO15, ISO35
ISO15M, ISO35M
SLOS580F
– MAY 2008 – REVISED JANUARY 2012
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MA
UNIT
X
VIT(+)
Positive-going input threshold voltage
IO = –8 mA
–20
mV
VIT(–)
Negative-going input threshold voltage
IO = 8 mA
–200
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
50
mV
IO = –8 mA
2.4
VID = 200 mV, See
VO
Output voltage
V
Figure 7
IO = 8 mA
0.4
IOZ
High-impedance state output current
VI = –7 to 12 V, Other input = 0 V
–1
1
μA
VA or VB = 12 V
50 100
-55oC
≤ TA ≤ 85
oC
VA or VB = 12 V, VCC = 0
50 100
VA or VB = 12 V
200
Other input at
IA or IB
Bus input current
85oC
≤ TA ≤ 125
oC
μA
0 V
VA or VB = 12 V, VCC = 0
200
VA or VB = –7 V
–100
–40
-55oC
≤ TA ≤ 125
oC
VA or VB = –7 V, VCC = 0
–100
–30
IIH
High-level input current, RE
VIH = 2 V
–10
μA
IIL
Low-level input current, RE
VIL = 0.8 V
–10
μA
RID
Differential input resistance
A, B
48
k
Ω
CID
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5V, DE at 0 V
16
pF
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
ISO15x and ISO35x
100
ISO15 and ISO35
13
tsk(p)
Pulse skew (|tPHL – tPLH|)
ISO15M and
18
ISO35M
See Figure 8
ns
ISO15 and ISO35
2
4
tr, tf
Output signal rise and fall time
ISO15M and
2
6
ISO35M
tPZH,
Propagation delay, high-impedance-to-high-level output
13
25
tPZL
Propagation delay, high-impedance-to-low-level output
DE at 0 V, See Figure 9
ns
and Figure 10
tPHZ,
Propagation delay, high-level-to-high-impedance output
13
25
tPLZ
Propagation delay, low-level to high-impedance output
4
Submit Documentation Feedback
Copyright
© 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com