Electronic Components Datasheet Search
  English  ▼

X  

ISO35DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35DWR
Description  ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35DWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO35DWR Datasheet HTML 1Page - Texas Instruments ISO35DWR Datasheet HTML 2Page - Texas Instruments ISO35DWR Datasheet HTML 3Page - Texas Instruments ISO35DWR Datasheet HTML 4Page - Texas Instruments ISO35DWR Datasheet HTML 5Page - Texas Instruments ISO35DWR Datasheet HTML 6Page - Texas Instruments ISO35DWR Datasheet HTML 7Page - Texas Instruments ISO35DWR Datasheet HTML 8Page - Texas Instruments ISO35DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
nc
Vcc2
B
A
nc
GND2
DE
DWPACKAGE
Vcc1
GND1
GND2
GND2
GND1
functiondiagram
DE
D
B
A
13
12
R
5
3
6
4
RE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
Y
Vcc2
B
Z
A
GND2
DE
DWPACKAGE
Vcc1
GND1
GND2
GND2
GND1
DE
5
D
6
R
3
4
RE
Y
Z
B
A
14
11
12
13
functiondiagram
ISO15, ISO35
ISO15M, ISO35M
www.ti.com
SLOS580F
– MAY 2008 – REVISED JANUARY 2012
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
Check for Samples: ISO15, ISO35, ISO15M, ISO35M
1
FEATURES
DESCRIPTION
The ISO15 is an isolated half-duplex differential line
•
4000-VPK VIOTM, 560-VPK VIORM per IEC
transceiver while the ISO35 is an isolated full-duplex
60747-5-2 (VDE 0884, Rev 2)
differential line driver and receiver for TIA/EIA
•
UL 1577, IEC 61010-1, IEC 60950-1 and CSA
485/422 applications. The ISO15M and ISO35M have
Approved
extended ambient temperature ratings of
–55°C to
125
°C while the ISO15 and ISO35 are specified
•
1/8 Unit Load
– Up to 256 Nodes on a Bus
over
–40°C to 85°C.
•
Meets or Exceeds TIA/EIA RS-485
Requirements
These devices are ideal for long transmission lines
since the ground loop is broken to allow for a much
•
Signaling Rates up to 1 Mbps
larger common-mode voltage range. The symmetrical
•
Thermal Shutdown Protection
barrier of the device is tested to provide isolatlion of
•
Low Bus Capacitance
– 16 pF (Typ)
4000 VPK per VDE and 2500 VRMS per UL and CSA
between the bus-line transceiver and the logic-level
•
50 kV/
μs Typical Transient Immunity
interface.
•
Fail-safe Receiver for Bus Open, Short, Idle
Any cabled I/O can be subjected to electrical noise
•
3.3-V Inputs are 5-V Tolerant
transients
from
various
sources.
These
noise
transients can cause damage to the transceiver
APPLICATIONS
and/or near-by sensitive circuitry if they are of
•
Security Systems
sufficient magnitude and duration. These isolated
devices can significantly increase protection and
•
Chemical Production
reduce the risk of damage to expensive control
•
Factory Automation
circuits.
•
Motor/motion Control
•
HVAC and Building Automation Networks
•
Networked Security Stations
ISO15
ISO35
PRODUCT
FOOTPRINT
TEMP RATING
MARKING
ISO15
Half Duplex
–40°C to 85°C
ISO15
ISO35
Full Duplex
–40°C to 85°C
ISO35
ISO15M
Half Duplex
–55°C to 125°C
ISO15M
ISO35M
Full Duplex
–55°C to 125°C
ISO35M
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO35DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35DWR TI-ISO35DWR Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO35DWR RENESAS-ISO35DWR Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO35DWR TI-ISO35DWR Datasheet
1Mb / 32P
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
ISO35DWRG4 TI-ISO35DWRG4 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO35DWRG4 RENESAS-ISO35DWRG4 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO35DWR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
ISO15 TI-ISO15 Datasheet
1Mb / 32P
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com