Electronic Components Datasheet Search
  English  ▼

X  

LT1721 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1721
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1721 Datasheet HTML 8Page - Linear Technology LT1721 Datasheet HTML 9Page - Linear Technology LT1721 Datasheet HTML 10Page - Linear Technology LT1721 Datasheet HTML 11Page - Linear Technology LT1721 Datasheet HTML 12Page - Linear Technology LT1721 Datasheet HTML 13Page - Linear Technology LT1721 Datasheet HTML 14Page - Linear Technology LT1721 Datasheet HTML 15Page - Linear Technology LT1721 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT1720/LT1721
12
17201fc
APPLICATIONS INFORMATION
Figure 5
5V
5V
180Ω
270Ω
820Ω
10KH/E
R2
VCC
R3
R1
10KH/E
100K/E
VCC
5V OR 5.2V
4.5V
R1
510Ω
620Ω
R2
180Ω
180Ω
R3
750Ω
510Ω
(a) STANDARD TTL TO PECL TRANSLATOR
(b) LT1720/LT1721 OUTPUT TO PECL TRANSLATOR
LSTTL
1/2 LT1720
R2
VCC
3V
R3
R4
R1
10KH/E
100K/E
VCC
5V OR 5.2V
4.5V
R1
300Ω
330Ω
R2
180Ω
180Ω
R3
OMIT
1500Ω
(c) 3V LT1720/LT1721 OUTPUT TO PECL TRANSLATOR
1/2 LT1720
R4
560Ω
1000Ω
R4
VEE
VCC
R3
17201 F05
R2
R1
ECL FAMILY
10KH/E
VEE
–5.2V
R1
560Ω
270Ω
VCC
5V
3V
R2
270Ω
510Ω
R3
330Ω
300Ω
(d) LT1720/LT1721 OUTPUT TO STANDARD ECL TRANSLATOR
1/2 LT1720
R4
1200Ω
330Ω
100K/E
–4.5V
680Ω
330Ω
5V
3V
270Ω
390Ω
300Ω
270Ω
1500Ω
430Ω
DO NOT USE FOR LT1720/LT1721
LEVEL TRANSLATION. SEE TEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com