Electronic Components Datasheet Search
  English  ▼

X  

LT1721 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1721
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1721 Datasheet HTML 14Page - Linear Technology LT1721 Datasheet HTML 15Page - Linear Technology LT1721 Datasheet HTML 16Page - Linear Technology LT1721 Datasheet HTML 17Page - Linear Technology LT1721 Datasheet HTML 18Page - Linear Technology LT1721 Datasheet HTML 19Page - Linear Technology LT1721 Datasheet HTML 20Page - Linear Technology LT1721 Datasheet HTML 21Page - Linear Technology LT1721 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT1720/LT1721
18
17201fc
APPLICATIONS INFORMATION
Figure 12. 3ns Delay Detector with Logarithmic Pulse Stretcher
5V
–
+
U1A
1/4 LT1721
Y
51Ω*
R8*
4.53k
5V
5V
17201 F12
0.1μF
C1
5.6pF
0.33μF
R9
487Ω*
+
–
U1B
1/4 LT1721
+
–
U1C
1/4 LT1721
X
1V
X
0V
51Ω*
C2
540pF
**
R7
261Ω*
Z
–
+
U1D
1/4 LT1721
301Ω*
R5
1.82k*
R6
301Ω*
5V
R4
30Ω*
R3
1Ω*
VOFF
R2
1k*
475Ω*
L
301Ω*
301Ω*
RESULT OF X AND NOT Y
+
–
R1
499Ω*
DECAY
CAPTURE
OPTIONAL LOGARITHMIC PULSE STRETCHER (SEE TEXT)
VC
VIN
1N5711
DELAY DETECTOR
1V
Y
0V
5V
Z
0V
* 1% METAL FILM RESISTOR
** 270pF 2 FOR REDUCED LEAD INDUCTANCE
Figure 13. Output Pulse Due to Delay of Y Input Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com