Electronic Components Datasheet Search
  English  ▼

X  

LT1806CS6 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1806CS6
Description  325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806CS6 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1806CS6 Datasheet HTML 4Page - Linear Technology LT1806CS6 Datasheet HTML 5Page - Linear Technology LT1806CS6 Datasheet HTML 6Page - Linear Technology LT1806CS6 Datasheet HTML 7Page - Linear Technology LT1806CS6 Datasheet HTML 8Page - Linear Technology LT1806CS6 Datasheet HTML 9Page - Linear Technology LT1806CS6 Datasheet HTML 10Page - Linear Technology LT1806CS6 Datasheet HTML 11Page - Linear Technology LT1806CS6 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT1806/LT1807
8
18067fc
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = V – to V+
83
106
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = V – to V+
77
106
dB
Input Common Mode Range
V –
V+
V
PSRR
Power Supply Rejection Ratio
V+ = 2.5V to 10V, V – = 0V
90
105
dB
PSRR Match (Channel-to-Channel) (Note 10)
V+ = 2.5V to 10V, V – = 0V
84
105
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
ISINK = 5mA
ISINK = 25mA
14
55
180
60
140
450
mV
mV
mV
VOH
Output Voltage Swing High (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 25mA
20
90
360
70
200
700
mV
mV
mV
ISC
Short-Circuit Current
±40
±85
mA
IS
Supply Current per Amplifier
11
16
mA
Disable Supply Current
VSHDN = 0.3V
0.4
1.2
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
150
350
μA
Shutdown Output Leakage Current
VSHDN = 0.3V
0.3
75
μA
VL
SHDN Pin Input Voltage Low
0.3
V
VH
SHDN Pin Input Voltage High
V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω
50
ns
GBW
Gain-Bandwidth Product
Frequency = 6MHz
170
325
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V, Measured at VO = ±3V
70
140
V/μs
FPBW
Full-Power Bandwidth
VO = 8VP-P
5.5
MHz
HD
Harmonic Distortion
AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
– 80
dBc
tS
Settling Time
0.01%, VSTEP = 8V, AV = 1, RL = 1k
120
ns
ΔG
Differential Gain (NTSC)
AV = 2, RL = 150
0.01
%
Δθ
Differential Phase (NTSC)
AV = 2, RL = 150
0.01
Deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com