Electronic Components Datasheet Search
  English  ▼

X  

LT1806CS6 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1806CS6
Description  325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806CS6 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1806CS6 Datasheet HTML 10Page - Linear Technology LT1806CS6 Datasheet HTML 11Page - Linear Technology LT1806CS6 Datasheet HTML 12Page - Linear Technology LT1806CS6 Datasheet HTML 13Page - Linear Technology LT1806CS6 Datasheet HTML 14Page - Linear Technology LT1806CS6 Datasheet HTML 15Page - Linear Technology LT1806CS6 Datasheet HTML 16Page - Linear Technology LT1806CS6 Datasheet HTML 17Page - Linear Technology LT1806CS6 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT1806/LT1807
14
18067fc
FREQUENCY (Hz)
100k
0.001
0.01
0.1
1
10
100
600
1M
10M
100M
500M
18067 G28
VS = 5V, 0V
AV = 10
AV = 2
AV = 1
FREQUENCY (MHz)
0.01
40
50
60
70
80
0.1
1
10
100
500
18067 G29
30
20
10
0
90
100
VS = 5V, 0V
FREQUENCY (MHz)
0.001
40
50
60
70
80
0.01
0.1
1
10
100
18067 G30
30
20
10
0
90
100
VS = 5V, 0V
TA = 25°C
NEGATIVE SUPPLY
POSITIVE SUPPLY
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
8
18067 G22
400
300
350
250
200
35
45
55
30
40
50
2
1
4
3
67
9
5
10
TA = 25°C
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
TEMPERATURE (°C)
–55
105
18067 G23
400
300
350
250
200
35
45
55
30
40
50
–15
–35
25
5
65
85
125
45
PHASE MARGIN
VS = 5V
PHASE MARGIN
VS = 3V
GBW PRODUCT
VS = 5V
GBW PRODUCT
VS = 3V
TEMPERATURE (°C)
–55
75
100
125
150
175
–35 –15
5
25
18067 G24
45
65
85 105 125
AV = –1
RF = RG = 1k
RL = 1k
VS = 5V
VS = 2.5V
Gain Bandwidth and Phase Margin
vs Supply Voltage
Gain Bandwidth and Phase Margin
vs Temperature
Slew Rate vs Temperature
FREQUENCY (MHz)
20
40
50
70
0.1
10
100
500
18067 G25
0
1
60
30
10
–10
–20
–30
–45
45
90
180
225
–135
135
0
–90
–180
–225
PHASE
VS = 5V
GAIN
VS = 5V
GAIN
VS = 3V
PHASE
VS = 3V
CL = 5pF
RL = 100Ω
FREQUENCY (MHz)
0
12
18
30
0.1
10
100
500
18067 G26
–12
1
24
6
–6
–18
–24
–36
CL = 10pF
RL = 100Ω
VS = 3V
VS = 5V
FREQUENCY (MHz)
6
12
15
21
0.1
10
100
500
18067 G27
0
1
18
9
3
–3
–6
–9
CL = 10pF
RL = 100Ω
VS = 5V
VS = 3V
Gain and Phase vs Frequency
Gain vs Frequency (AV = 1)
Gain vs Frequency (AV = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com