Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3474
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3474 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3474 Datasheet HTML 9Page - Linear Technology LT3474 Datasheet HTML 10Page - Linear Technology LT3474 Datasheet HTML 11Page - Linear Technology LT3474 Datasheet HTML 12Page - Linear Technology LT3474 Datasheet HTML 13Page - Linear Technology LT3474 Datasheet HTML 14Page - Linear Technology LT3474 Datasheet HTML 15Page - Linear Technology LT3474 Datasheet HTML 16Page - Linear Technology LT3474 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3474/LT3474-1
13
3474fd
APPLICATIONS INFORMATION
You can estimate output ripple with the following
equation:
V
RIPPLE =
ΔIL
8• f •C
OUT
() for ceramic capacitors
where ΔIL is the peak-to-peak ripple current in the inductor.
The RMS content of this ripple is very low so the RMS
current rating of the output capacitor is usually not of
concern. It can be estimated with the formula:
I
CRMS
() =
ΔIL
12
The low ESR and small size of ceramic capacitors make
them the preferred type for LT3474 applications. Not all
ceramic capacitors are the same, however. Many of the
higher value capacitors use poor dielectrics with high
temperature and voltage coefficients. In particular, Y5V
and Z5U types lose a large fraction of their capacitance
with applied voltage and at temperature extremes.
Because loop stability and transient response depend on
the value of COUT, this loss may be unacceptable. Use X7R
and X5R types. Table 3 lists several capacitor vendors.
Table 3. Low-ESR Surface Mount Capacitors
VENDOR
TYPE
SERIES
Taiyo-Yuden
Ceramic
X5R, X7R
AVX
Ceramic
X5R, X7R
TDK
Ceramic
X5R, X7R
A final caution is in order regarding the use of ceramic
capacitors at the input. A ceramic input capacitor can
combine with stray inductance to form a resonant tank
circuit. If power is applied quickly (for example by plugging
the circuit into a live power source), this tank can ring,
doubling the input voltage and damaging the LT3474. The
solution is to either clamp the input voltage or dampen the
tank circuit by adding a lossy capacitor in parallel with the
ceramic capacitor. For details, see Application Note 88.
Output Capacitor Selection
For most LEDs, a 2.2μF 6.3V ceramic capacitor (X5R or
X7R) at the output results in very low output voltage ripple
and good transient response. Other types and values will
also work; the following discusses tradeoffs in output
ripple and transient performance.
The output capacitor filters the inductor current to generate
an output with low voltage ripple. It also stores energy in
order to satisfy transient loads and stabilizes the LT3474’s
control loop. Because the LT3474 operates at a high
frequency, minimal output capacitance is necessary. In
addition, the control loop operates well with or without
the presence of output capacitor series resistance (ESR).
Ceramic capacitors, which achieve very low output ripple
and small circuit size, are therefore an option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com