Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3474
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3474 Datasheet(HTML) 2 Page - Linear Technology

  LT3474 Datasheet HTML 1Page - Linear Technology LT3474 Datasheet HTML 2Page - Linear Technology LT3474 Datasheet HTML 3Page - Linear Technology LT3474 Datasheet HTML 4Page - Linear Technology LT3474 Datasheet HTML 5Page - Linear Technology LT3474 Datasheet HTML 6Page - Linear Technology LT3474 Datasheet HTML 7Page - Linear Technology LT3474 Datasheet HTML 8Page - Linear Technology LT3474 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3474/LT3474-1
2
3474fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Pin ........................................................(–0.3V), 36V
BIAS Pin....................................................................25V
BOOST Pin Voltage ...................................................51V
BOOST above SW Pin ...............................................25V
OUT, LED Pins (LT3474)............................................15V
OUT, LED Pins (LT3474-1).........................................26V
PWM Pin...................................................................10V
VADJ Pin .....................................................................6V
VC, REF, RT Pins ..........................................................3V
SHDN Pin...................................................................VIN
BIAS Pin Current.........................................................1A
Maximum Junction Temperature (Note 2)............. 125°C
Operating Temperature Range (Note 3)
LT3474E, LT3474E-1 ............................ –40°C to 85°C
LT3474I, LT3474I-1............................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
DNC*
OUT
LED
VIN
SW
BOOST
BIAS
GND
DNC*
GND
PWM
VADJ
VC
REF
SHDN
RT
17
θJC = 8°C/W, θJA = 40°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
*DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3474EFE#PBF
LT3474EFE#TRPBF
3474EFE
16-Lead TSSOP
–40°C to 85°C
LT3474IFE#PBF
LT3474IFE#TRPBF
3474IFE
16-Lead TSSOP
–40°C to 125°C
LT3474EFE-1#PBF
LT3474EFE-1#TRPBF
3474EFE-1
16-Lead TSSOP
–40°C to 85°C
LT3474IFE-1#PBF
LT3474IFE-1#TRPBF
3474IFE-1
16-Lead TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.5
4
V
Input Quiescent Current
Not Switching
2.6
4
mA
Shutdown Current
SHDN = 0.3V, VBOOST = 0V, VOUT = 0V
0.01
2
μA
LED Pin Current
VADJ Tied to VREF
VADJ Tied to VREF/5
l
l
0.98
0.968
0.193
0.186
1
0.2
1.02
1.025
0.207
0.210
A
A
A
A
REF Voltage
l
1.23
1.25
1.265
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 16V, VOUT = 4V unless otherwise noted (Note 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com