Electronic Components Datasheet Search
  English  ▼

X  

LT3580 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3580
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3580 Datasheet HTML 13Page - Linear Technology LT3580 Datasheet HTML 14Page - Linear Technology LT3580 Datasheet HTML 15Page - Linear Technology LT3580 Datasheet HTML 16Page - Linear Technology LT3580 Datasheet HTML 17Page - Linear Technology LT3580 Datasheet HTML 18Page - Linear Technology LT3580 Datasheet HTML 19Page - Linear Technology LT3580 Datasheet HTML 20Page - Linear Technology LT3580 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3580
17
3580fg
Figure 9. Suggested Component Placement for Boost Topology
(Both DFN and MSOP Packages. Not to Scale). Pin 9 (Exposed
Pad) Must Be Soldered Directly to the Local Ground Plane for
Adequate Thermal Performance. Multiple Vias to Additional
Ground Planes Will Improve Thermal Performance
Figure 10. Suggested Component Placement for Sepic Topology
(Both DFN And MSOP Packages. Not to Scale). Pin 9 (Exposed
Pad) Must Be Soldered Directly to the Local Ground Plane for
Adequate Thermal Performance. Multiple Vias to Additional
Ground Planes Will Improve Thermal Performance
Figure 11. Suggested Component Placement for Inverting Topology (Both DFN and MSOP Packages. Not to Scale).
Note Cut in Ground Copper at Diode’s Cathode. Pin 9 (Exposed Pad) Must be Soldered Directly to Local Ground
Plane for Adequate Thermal Performance. Multiple Vias to Additional Ground Planes Will Improve Thermal
Performance
APPLICATIONS INFORMATION
3580 F10
VOUT
VIN
5
6
7
8
9
4
3
2
1
SW
L1
L2
D1
C3
C2
C1
SHDN
SYNC
GND
VIAS TO GROUND
PLANE REQUIRED
TO IMPROVE
THERMAL
PERFORMANCE
3580 F11
VOUT
VIN
5
6
7
8
9
4
3
2
1
SW
C1
C2
D1
C3
L1
L2
SHDN
SYNC
GND
VIAS TO GROUND
PLANE REQUIRED
TO IMPROVE
THERMAL
PERFORMANCE
3580 F09
VOUT
VIN
C2
L1
C1
D1
5
6
7
8
9
4
3
2
1
SW
SHDN
SYNC
GND
VIAS TO GROUND
PLANE REQUIRED
TO IMPROVE
THERMAL
PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com