Electronic Components Datasheet Search
  English  ▼

X  

LT3580 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3580
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3580 Datasheet HTML 14Page - Linear Technology LT3580 Datasheet HTML 15Page - Linear Technology LT3580 Datasheet HTML 16Page - Linear Technology LT3580 Datasheet HTML 17Page - Linear Technology LT3580 Datasheet HTML 18Page - Linear Technology LT3580 Datasheet HTML 19Page - Linear Technology LT3580 Datasheet HTML 20Page - Linear Technology LT3580 Datasheet HTML 21Page - Linear Technology LT3580 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3580
18
3580fg
APPLICATIONS INFORMATION
Figure 12. Switch-On Phase of an Inverting Converter. L1 and L2 Have Positive dI/dt
Figure 13. Switch-Off Phase of an Inverting Converter. L1 and L2 Currents Have Negative dI/dt
Figure 14. 1.2MHz, 5V to 12V Boost Converter
+
L1
L2
C2
–(VIN + ⏐VOUT⏐)
SW
SWX
D1
Q1
3580 F12
C1
C3
RLOAD
–VOUT
VIN
VCESAT
+
L1
L2
C2
VIN + VOUT + VD
SW
SWX
D1
Q1
C1
C3
RLOAD
–VOUT
VIN
VD
3580 F13
C2
10μF
VOUT
12V
550mA
L1
4.2μH
D1
130k
VIN
5V
VIN
SW
3580 F14
LT3580
75k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
1nF
0.1μF
C1
2.2μF
C1: 2.2μF, 25V, X5R, 1206
C2: 10μF, 25V, X5R, 1206
D1: MICROSEMI UPS120
L1: SUMIDA CDR6D23MN-4R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com