Electronic Components Datasheet Search
  English  ▼

X  

LT1964 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1964
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology LT1964 Datasheet HTML 10Page - Linear Technology LT1964 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
TEMPERATURE (
°C)
–50
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3020 G16
25
0
–25
50
75
125
100
IL = 100mA
TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.2
0.4
0
–0.2
–0.4
–0.6
–0.8
–1.0
3020 G17
25
0
–25
50
75
125
100
VIN = 1.15V
VOUT = 0.5V
*LOAD REGULATION NUMBER REFERS
TO CHANGE IN THE 200mV REFERENCE
VOLTAGE
Minimum Input Voltage
Load Regulation
∆IL = 1mA to 100mA
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
100
90
80
60
70
50
40
30
20
10
0
3020 G15
25
0
–25
50
75
125
100
VIN = 1.5V + 0.5VP-P RIPPLE AT f = 120Hz
VOUT = 0.5V
IL = 100mA
Transient Response
VOUT
50mV/DIV
IOUT
100mA/DIV
50
µs/DIV
3020 G21
IOUT = 10mA TO 100mA
VOUT = 1.5V
Input Ripple Rejection
Current Limit
TEMPERATURE (
°C)
–50
0
3020 G12
25
0
–25
50
75
125
100
VOUT = 0V
VIN = 1.7V
VIN = 10V
500
450
400
300
350
250
200
150
100
50
0
Reverse Output Current
Input Ripple Rejection
TEMPERATURE (
°C)
–50
0
3020 G13
25
0
–25
50
75
125
100
VIN = 0V
VOUT = 1.2V
500
450
400
300
350
250
200
150
100
50
0
FREQUENCY (Hz)
10
20
30
60
50
40
70
10
1k
10k
1M
3020 G14
0
100
100k
VIN = 1.5V + 50mVRMS RIPPLE
VOUT = 0.5V
IL = 100mA
COUT = 2.2µF
COUT = 10µF
Output Noise Spectral Density
FREQUENCY (Hz)
10
10
1
0.1
0.01
1k
100k
1M
100
10k
3020 G18
VOUT = 1.2V
IL = 100mA
COUT = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com