Electronic Components Datasheet Search
  English  ▼

X  

LT1964 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1964
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 1 Page - Linear Technology

  LT1964 Datasheet HTML 1Page - Linear Technology LT1964 Datasheet HTML 2Page - Linear Technology LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
TEMPERATURE (
°C)
–50
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3020 TA02
25
0
–25
50
75
125
100
IL = 100mA
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
100mA, Low Voltage,
Very Low Dropout
Linear Regulator
■ VIN Range: 0.9V to 10V
■ Minimum Input Voltage: 0.9V
■
Dropout Voltage: 150mV Typical
■ Output Current: 100mA
■ Adjustable Output (VREF = VOUT(MIN) = 200mV)
■
Fixed Output Voltages: 1.2V, 1.5V, 1.8V
■ Stable with Low ESR, Ceramic Output Capacitors
(2.2
µF Minimum)
■
0.2% Load Regulation from 1mA to 100mA
■ Quiescent Current: 120
µA (Typ)
■ 3
µA Typical Quiescent Current in Shutdown
■
Current Limit Protection
■ Reverse-Battery Protection
■ No Reverse Current
■
Thermal Limiting with Hysteresis
■ 8-Lead DFN (3mm
× 3mm) and MSOP Packages
1.8V to 1.5V, 100mA VLDO Regulator
■ Low Current Regulators
■ Battery-Powered Systems
■ Cellular Phones
■ Pagers
■ Wireless Modems
The LT
®3020 is a very low dropout voltage (VLDOTM) linear
regulator that operates from input supplies down to 0.9V.
This device supplies 100mA of output current with a
typical dropout voltage of 150mV. The LT3020 is ideal for
low input voltage to low output voltage applications,
providing comparable electrical efficiency to that of a
switching regulator.
The LT3020 regulator optimizes stability and transient
response with low ESR, ceramic output capacitors as
small as 2.2
µF. Other LT3020 features include 0% typical
line regulation and 0.2% typical load regulation. In shut-
down, quiescent current drops to 3
µA.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting with hysteresis,
and reverse-current protection. The LT3020 is available as
an adjustable output device with an output range down to
the 200mV reference. Three fixed output voltages, 1.2V,
1.5V and 1.8V, are also available.
The LT3020 regulator is available in the low profile
(0.75mm) 8-lead (3mm
× 3mm) DFN package with Ex-
posed Pad and the 8-lead MSOP package.
IN
SHDN
2.2
µF
3020 TA01
OUT
VIN
1.8V
GND
LT3020-1.5
VOUT
1.5V
100mA
2.2
µF
Minimum Input Voltage
, LTC and LT are registered trademarks of Linear Technology Corporation.
VLDO is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT1964 LINER-LT1964 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT1964 LINER-LT1964 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LT1964

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com