Electronic Components Datasheet Search
  English  ▼

X  

LT3580MPMS8E Datasheet(PDF) 23 Page - Linear Technology

Part # LT3580MPMS8E
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580MPMS8E Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3580MPMS8E Datasheet HTML 19Page - Linear Technology LT3580MPMS8E Datasheet HTML 20Page - Linear Technology LT3580MPMS8E Datasheet HTML 21Page - Linear Technology LT3580MPMS8E Datasheet HTML 22Page - Linear Technology LT3580MPMS8E Datasheet HTML 23Page - Linear Technology LT3580MPMS8E Datasheet HTML 24Page - Linear Technology LT3580MPMS8E Datasheet HTML 25Page - Linear Technology LT3580MPMS8E Datasheet HTML 26Page - Linear Technology LT3580MPMS8E Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3580
23
3580fg
TYPICAL APPLICATIONS
5V to 12V Boost Converter Switches at 2.5MHz and Uses a Tiny 4mm × 4mm × 1.7mm Inductor
Efficiency and Power Loss
vs Load Current
Transient Response with 400mA to
500mA to 400mA Output Load Step
Start-Up Waveforms
C2
4.7μF
VOUT
12V
500mA
L1
3.3μH
D1
130k
VIN
5V
VIN
SW
3580 TA07a
LT3580
35.7k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
2.2nF
0.1μF
47pF
C1
4.7μF
C1, C2: 4.7μF, 25V, X5R, 1206
D1: MICROSEMI UPS120
L1: COILCRAFT LPS4018-332ML
LOAD CURRENT (mA)
0
50
55
65
70
75
400
95
3580 TA07b
60
200
100
500
300
600
80
85
90
0
200
400
600
1400
800
1000
1200
IL
0.5A/DIV
VOUT
0.5V/DIV
AC COUPLED
100μs/DIV
3580 TA07c
IL
1A/DIV
VOUT
5V/DIV
VSHDN
1V/DIV
2ms/DIV
500mA LOAD
3580 TA07d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com