Electronic Components Datasheet Search
  English  ▼

X  

LT3580MPMS8E Datasheet(PDF) 27 Page - Linear Technology

Part # LT3580MPMS8E
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580MPMS8E Datasheet(HTML) 27 Page - Linear Technology

Back Button LT3580MPMS8E Datasheet HTML 20Page - Linear Technology LT3580MPMS8E Datasheet HTML 21Page - Linear Technology LT3580MPMS8E Datasheet HTML 22Page - Linear Technology LT3580MPMS8E Datasheet HTML 23Page - Linear Technology LT3580MPMS8E Datasheet HTML 24Page - Linear Technology LT3580MPMS8E Datasheet HTML 25Page - Linear Technology LT3580MPMS8E Datasheet HTML 26Page - Linear Technology LT3580MPMS8E Datasheet HTML 27Page - Linear Technology LT3580MPMS8E Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LT3580
27
3580fg
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
F
06/10
Added GND to the Pin Configuration section.
Revised Note 2 in the Electrical Characteristics section.
Revised Graph G08 in the Typical Performance Characteristics section.
Revised the Applications Information section.
Revised Table 3 in the Applications Information section.
Revised Figure 13 in the Applications Information section.
Updated drawing TA01a in the Typical Applications section.
Updated Related Parts table.
2
3
4
10-11
12
18
24
28
G
09/10
Added H- and MP-Grade information to Absolute Maximum Ratings, Order Information, Electrical Characteristics and
Pin Functions sections.
Added text at end of General Guidelines and revised equations under Avoiding Subharmonic Oscillations in
Applications Information section.
2, 3, 5
8, 9
(Revision history begins at Rev F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com