Electronic Components Datasheet Search
  English  ▼

X  

LT1399 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1399
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology LT1399 Datasheet HTML 13Page - Linear Technology LT1399 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6555
10
6555f
To maintain the LT6555’s channel isolation, it is beneficial
to shield parallel input and parallel output traces using a
ground plane or power supply traces. Vias between topside
and backside metal may be required to maintain a low
inductance ground near the part where numerous traces
converge. See Figures 6 and 7 for photos of an optimized
layout.
Input Expansion
In applications with more than two inputs per channel,
multiple LT6555s can be connected by several different
methods. The simplest method is to connect the outputs
after the 75
Ωseriestermination,asshowninFigure2. The
compromise of this approach is that the internal gain
setting resistors cause a 435
Ωshuntacrossthe75Ωcable
termination, resulting in increased gain error.
APPLICATIO S I FOR ATIO
Figure 3. Disabled Amplifiers Load the Cable
Termination with 435
Ω Each
Figure 3 illustrates the loading effect of expanding the
number of inputs. The resultant gain error can be calcu-
lated by the following formula using n as the number of
LT6555s:
Gain Error (dB) = 6dB + 20log
435
n–1
Ω
Ω
+
Ω
Ω
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
75
75
435
1
75
n
dB
–
For example, two LT6555s would result in a gain error of
–0.74dB per channel. Three LT6555s (i.e., six red inputs,
six green inputs and six blue inputs), would have a gain
error of –1.4dB.
Figure 2. Two LT6555s Build a 4-Input Router
IN1A
IN1B
IN1C
IN1D
CHIP
SELECT
6555 F02
EN
LT6555 #1
75
Ω
AV = 2
LT6555 #2
74HC04
EN
75
Ω
OUT
AV = +2
75
Ω
CABLE
75
Ω
R2
75
Ω
6555 F03
360
Ω
IN1A
IN1C
IN1B
IN1D
75
Ω
1/3 LT6555 #1
1/3 LT6555 #2
360
Ω
OFF
360
Ω
360
Ω
OFF
360
Ω
75
Ω
75
Ω
360
Ω
OFF
360
Ω
360
Ω
ON
⇒
435
n – 1
n = NUMBER OF LT6555s
IN PARALLEL
.
.
.
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com