Electronic Components Datasheet Search
  English  ▼

X  

LT1399 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1399
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology LT1399 Datasheet HTML 13Page - Linear Technology LT1399 Datasheet HTML 14Page - Linear Technology LT1399 Datasheet HTML 15Page - Linear Technology LT1399 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT6555
12
6555f
Figure 5. Demo Board Schematic
5
IN1A
4
3
2
5
IN2A
4
3
2
5
IN3A
4
3
2
5
IN1B
4
3
2
5
IN2B
4
3
2
5
IN3B
4
3
2
IN1B
AGND1
IN3A
VREF
VREF
IN2A
DGND
DGND
IN1A
AGND2
8
9
10
11
12
7
6
5
4
3
2
1
17
16
15
14
13
18
19
20
21
22
23
24
V+
OUT2
V–
OUT1
IN3B
AGND3
IN2B
V–
V+
V+
V–
OUT3
V+
SEL
SEL
EN
V+
U1 LT6555CGN
EXT
GND
1
3
2
JP5
VREF
JP12
BNC
× 6
DGND
1
1
1
1
1
1
L1
L1
L1
L1
L1
L1
Z = 75
Z = 75
Z = 75
Z = 75
Z = 75
Z = 75
JP13
JP14
JP5
JP6
JP7
J3
BANANA JACK
FLOAT
AGND
1
3
2
JP2
DGND
EXT
ENABLE
1
3
2
JP1
CONTROL
1
3
VCC
SEL A/B
AB
DGND
2
JP4
SEL
R7
20k
J1
50
Ω BNC
EN
5432
1
R10
75
Ω
R11
75
Ω
R12
75
Ω
R4
75
Ω
R5
75
Ω
R6
75
Ω
2
DUAL
NOTE:
470pF BYPASS CAPACITORS LOCATED
AS CLOSE TO PINS AS POSSIBLE
SINGLE
AGND
JP3
SUPPLY
3
1
E1
EN
E4
SEL A/B
E2
DGND
E5
VREF
E3
AGND
R8
50
Ω
OPT
Z = 50
Z = 50
EN
5
OUT1
J9
1
L2
L2
L2
Z = 75
R1
75
Ω
R2
75
Ω
R3
75
Ω
Z = 75
Z = 75
1
1
J10
J11
J4
BANANA JACK
VEE
6555 F05
4
3
2
5
OUT2
4
3
2
5
OUT3
VEE
–3.3V TO –5V
4
3
2
C1
4700pF
C10
4700pF
C11
0.33
µF
16V
C2
470pF
C3
470pF
C4
10
µF
16V
1206
C7
470pF
J2
BANANA JACK
VCC
VCC
3.3V TO 5V
C8
0.33
µF
C5
4700pF
C6
470pF
C9
10
µF
16V
1206
BNC
× 3
5432
1
R9
50
Ω
OPT
J8
50
Ω BNC
Figure 6. Demo Board Topside
(IC Removed for Clarity)
Figure 7. Demo Board Bottom Side
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com