Electronic Components Datasheet Search
  English  ▼

X  

LTC3703 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3703
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 1 Page - Linear Technology

  LTC3703 Datasheet HTML 1Page - Linear Technology LTC3703 Datasheet HTML 2Page - Linear Technology LTC3703 Datasheet HTML 3Page - Linear Technology LTC3703 Datasheet HTML 4Page - Linear Technology LTC3703 Datasheet HTML 5Page - Linear Technology LTC3703 Datasheet HTML 6Page - Linear Technology LTC3703 Datasheet HTML 7Page - Linear Technology LTC3703 Datasheet HTML 8Page - Linear Technology LTC3703 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3844
1
3844fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage, Current Mode
Switching Regulator Controller with
Programmable Operating Frequency
n Industrial Power Distribution
n 12V and 42V Automotive and Heavy Equipment
n High Voltage Single Board Systems
n Distributed Power Systems
n Avionics
n Telecom Power
High Voltage Step-Down Regulator 48V to 12V, 50W
Efficiency and Power Loss
vs Load Current
n High Voltage Operation: Up to 60V
n Output Voltages Up to 36V (Step Down)
n Programmable Constant Frequency: 100kHz to
500kHz
n Synchronizable up to 600kHz
n Burst Mode
® Operation: 120μA Supply Current
n 10μA Shutdown Supply Current
n ±1.3% Reference Accuracy
n Drives N-Channel MOSFET
n Programmable Soft-Start
n Programmable Undervoltage Lockout
n Internal High Voltage Regulator for Gate Drive
n Thermal Shutdown
n Current Limit Unaffected by Duty Cycle
n 16-Pin Thermally Enhanced TSSOP Package
The LT
®3844 is a DC/DC controller used for medium power,
low part count, high efficiency supplies. It offers a wide
4V to 60V input range (7.5V minimum start-up voltage)
and can implement step-down, step-up, inverting and
SEPIC topologies.
The LT3844 includes Burst Mode operation, which reduces
quiescent current below 120μA and maintains high effi-
ciency at light loads. An internal high voltage bias regulator
allows for simple biasing.
Additional features include current mode control for fast
line and load transient response; programmable fixed
operating frequency that can be synchronized to an ex-
ternal clock for noise sensitive applications; a gate driver
capable of driving large N-channel MOSFETs; a precision
undervoltage lockout function; 10μA shutdown current;
short-circuit protection and a programmable soft-start
function.
The LT3844 is available in a 16-lead thermally enhanced
TSSOP package.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5731694, 6498466, 6611131
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
SGND
LT3844
3844 TA01
R7
49.9k
VOUT
12V
50W
68μF
680p
22μF
120pF
68μF
10k
10Ω
1000pF
0.22μF
10μH
33μF
0.015Ω
14.7k
130k
82.5k
1M
1μF
PDS5100H
Si7850DP
VIN
36V TO 60V
LOAD CURRENT (A)
76
82
80
78
90
88
86
84
0
3
2
1
7
6
5
4
3844 TA01b
0.1
10
1
LOSS
EFFICIENCY
VIN = 48V


Similar Part No. - LTC3703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
Linear Integrated Syste...
LTC3703 LINEAR-LTC3703 Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
LTC3703 LINEAR-LTC3703 Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3724 LINER-LT3724 Datasheet
293Kb / 24P
High Voltage, Current Mode Switching Regulator Controller
LT3844 LINER-LT3844 Datasheet
250Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3724 LINER-LT3724_1 Datasheet
315Kb / 26P
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LT3724EFE LINER-LT3724EFE Datasheet
263Kb / 26P
High Voltage, Current Mode Switching Regulator Controller
LT3724 LINER-LT3724_15 Datasheet
319Kb / 26P
High Voltage, Current Mode Switching Regulator Controller
LT3844 LINER-LT3844_15 Datasheet
231Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com