Electronic Components Datasheet Search
  English  ▼

X  

LTC3703 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3703
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 10Page - Linear Technology LTC3703 Datasheet HTML 11Page - Linear Technology LTC3703 Datasheet HTML 12Page - Linear Technology LTC3703 Datasheet HTML 13Page - Linear Technology LTC3703 Datasheet HTML 14Page - Linear Technology LTC3703 Datasheet HTML 15Page - Linear Technology LTC3703 Datasheet HTML 16Page - Linear Technology LTC3703 Datasheet HTML 17Page - Linear Technology LTC3703 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3844
14
3844fb
APPLICATIONS INFORMATION
it advisable to further derate the capacitor or to choose a
capacitor rated at a higher temperature than required.
The combination of aluminum electrolytic capacitors and
ceramic capacitors is an economical approach to meet-
ing the input capacitor requirements. The capacitor volt-
age rating must be rated greater than VIN(MAX). Multiple
capacitors may also be paralleled to meet size or height
requirements in the design. Locate the capacitor very close
to the MOSFET switch and use short, wide PCB traces to
minimize parasitic inductance.
Step-Down Converter: Output Capacitor Selection
The output capacitance, COUT, selection is based on the
design’s output voltage ripple,
ΔVOUT and transient load
requirements.
ΔVOUT is a function of ΔIL and the COUT
ESR. It is calculated by:
Δ= Δ
+
⎛
⎝⎜
⎞
⎠⎟
VI
ESR
fC
OUT
L
SW
OUT
•
(•
•
)
1
8
The maximum ESR required to meet a
ΔVOUT design
requirement can be calculated by:
ESR MAX
VL f
V
V
V
OUT
SW
OUT
OUT
IN MAX
()
()( )(
)
•–
()
=
Δ
1
⎛⎛
⎝
⎜
⎞
⎠
⎟
Worst-case
ΔVOUT occurs at highest input voltage. Use
paralleled multiple capacitors to meet the ESR require-
ments. Increasing the inductance is an option to lower
the ESR requirements. For extremely low
ΔVOUT, an ad-
ditional LC filter stage can be added to the output of the
supply. Application Note 44 has some good tips on sizing
an additional output filter.
Output Voltage Programming
A resistive divider sets the DC output voltage according
to the following formula:
RR
V
V
OUT
21
1 231
1
=
⎛
⎝⎜
⎞
⎠⎟
.
–
The external resistor divider is connected to the output
of the converter as shown in Figure 2. Tolerance of the
feedback resistors will add additional error to the output
voltage.
Example: VOUT = 12V; R1 = 10k
Rk
V
V
kuse
k
210
12
1 231
1
8748
866 1
=−
⎛
⎝⎜
⎞
⎠⎟
=−
.
..
%
The VFB pin input bias current is typically 25nA, so use
of extremely high value feedback resistors could cause a
converter output that is slightly higher than expected. Bias
current error at the output can be estimated as:
ΔVOUT(BIAS) = 25nA • R2
Supply UVLO and Shutdown
The SHDN pin has a precision voltage threshold with
hysteresis which can be used as an undervoltage lockout
threshold (UVLO) for the power supply. Undervoltage
lockout keeps the LT3844 in shutdown until the supply
input voltage is above a certain voltage programmed by
the user. The hysteresis voltage prevents noise from falsely
tripping UVLO.
Resistors are chosen by first selecting RB. Then:
RR
V
V
AB
SUPPLY ON
=
⎛
⎝⎜
⎞
⎠⎟
•
.
–
()
135
1
L1
VFB PIN
R2
R1
VOUT
COUT
3844 F02
SHDN PIN
RA
RB
VSUPPLY
3844 F03
Figure 2. Output Voltage Feedback Divider
Figure 3. Undervoltage Lockout Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com