Electronic Components Datasheet Search
  English  ▼

X  

LT1944 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1944
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1944 Datasheet HTML 7Page - Linear Technology LT1944 Datasheet HTML 8Page - Linear Technology LT1944 Datasheet HTML 9Page - Linear Technology LT1944 Datasheet HTML 10Page - Linear Technology LT1944 Datasheet HTML 11Page - Linear Technology LT1944 Datasheet HTML 12Page - Linear Technology LT1944 Datasheet HTML 13Page - Linear Technology LT1944 Datasheet HTML 14Page - Linear Technology LT1944 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3580
11
3580fg
APPLICATIONS INFORMATION
Compensation—Theory
Like all other current mode switching regulators, the
LT3580 needs to be compensated for stable and efficient
operation. Two feedback loops are used in the LT3580—
a fast current loop which does not require compensation,
and a slower voltage loop which does. Standard bode plot
analysis can be used to understand and adjust the voltage
feedback loop.
As with any feedback loop, identifying the gain and phase
contribution of the various elements in the loop is critical.
Figure 4 shows the key equivalent elements of a boost
converter. Because of the fast current control loop, the
power stage of the IC, inductor and diode have been replaced
by a combination of the equivalent transconductance
amplifier gmp and the current controlled current source
(which converts IVIN to ηVIN/VOUT • IVIN). gmp acts as
a current source where the peak input current, IVIN, is
proportional to the VC voltage.
η is the efficiency of the
switching regulator, and is typically about 88%.
Note that the maximum output currents of gmp and gma are
finite. The limits for gmp are in the Electrical Characteristics
section (switch current limit), and gma is nominally limited
to about ±12μA.
From Figure 4, the DC gain, poles and zeros can be cal-
culated as follows:
Output Pole: P1
=
2
2•
π •RL •COUT
Error Amp Pole: P2
=
1
2•
π •R
O + RC
⎡⎣
⎤⎦ •CC
Error Amp Zero: Z1
=
1
2•
π •R
C •CC
DC Gain:
(Breaking Loop at FB Pin)
ADC = AOL(0) =
∂V
C
∂VFB
•
∂IVIN
∂V
C
•
∂V
OUT
∂IVIN
•
∂VFB
∂V
OUT
=
gma •R0
(
)•g
mp • η •
VIN
VOUT
•
RL
2
⎛
⎝⎜
⎞
⎠⎟
•
0.5R2
R1
+ 0.5R2
ESR Zero: Z2
=
1
2•
π •R
ESR •COUT
RHP Zero: Z3
=
VIN
2 •R
L
2•
π •V
OUT
2 •L
High Frequency Pole: P3
>
fS
3
Phase Lead Zero: Z4
=
1
2•
π •R1•CPL
Phase Lead Pole: P4
=
1
2•
π •
R1•
R2
2
R1
+
R2
2
•CPL
Error Amp Filter Pole:
P5 =
1
2•
π •
RC •RO
RC+RO
•CF
,CF <
CC
10
The current mode zero (Z3) is a right-half plane zero
which can be an issue in feedback control design, but is
manageable with proper external component selection.
Figure 4. Boost Converter Equivalent Model
–
+
gma
RC
RO
R2
R2
CC: COMPENSATION CAPACITOR
COUT: OUTPUT CAPACITOR
CPL: PHASE LEAD CAPACITOR
CF: HIGH FREQUENCY FILTER CAPACITOR
gma: TRANSCONDUCTANCE AMPLIFIER INSIDE IC
gmp: POWER STAGE TRANSCONDUCTANCE AMPLIFIER
RC: COMPENSATION RESISTOR
RL: OUTPUT RESISTANCE DEFINED AS VOUT DIVIDED BY ILOAD(MAX)
RO: OUTPUT RESISTANCE OF gma
R1, R2: FEEDBACK RESISTOR DIVIDER NETWORK
RESR: OUTPUT CAPACITOR ESR
3580 F04
R1
FB
COUT
CPL
RL
RESR
VOUT
IVIN
VC
CC
CF
gmp
1.215V
REFERENCE
•VIN
V
OUT
•IVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com