Electronic Components Datasheet Search
  English  ▼

X  

LT1944 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1944
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1944 Datasheet HTML 20Page - Linear Technology LT1944 Datasheet HTML 21Page - Linear Technology LT1944 Datasheet HTML 22Page - Linear Technology LT1944 Datasheet HTML 23Page - Linear Technology LT1944 Datasheet HTML 24Page - Linear Technology LT1944 Datasheet HTML 25Page - Linear Technology LT1944 Datasheet HTML 26Page - Linear Technology LT1944 Datasheet HTML 27Page - Linear Technology LT1944 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT3580
24
3580fg
TYPICAL APPLICATIONS
–5V Output Inverting Converter Switches at 2.5MHz and Accepts Inputs Between 3.3V to 12V
Efficiency and Power Loss
vs Load Current
C2
10μF
VOUT
–5V
800mA (VIN = 12V)
620mA (VIN = 5V)
450mA (VIN = 3.3V)
L1
4.7μH
C3
1μF
D1
60.4k
VIN
3.3V TO 12V
VIN
SW
3580 TA08a
LT3580
35.7k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
2.2nF
100pF
0.1μF
C1
2.2μF
C1: 2.2μF, 25V, X5R, 1206
C2: 10μF, 25V, X5R, 1206
C3: 1μF, 50V, X5R, 0805
D1: CENTRAL SEMI CMMSH1-40
L1, L2: COILCRAFT LSP4018-472ML
L2
4.7μH
LOAD CURRENT (mA)
0
40
45
55
60
65
400
85
3580 TA08b
50
200
100
500
300
700
600
70
75
80
0
200
400
600
1200
800
1000
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com