Electronic Components Datasheet Search
  English  ▼

X  

PCA8536 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCA8536
Description  Automotive LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8536 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCA8536 Datasheet HTML 45Page - NXP Semiconductors PCA8536 Datasheet HTML 46Page - NXP Semiconductors PCA8536 Datasheet HTML 47Page - NXP Semiconductors PCA8536 Datasheet HTML 48Page - NXP Semiconductors PCA8536 Datasheet HTML 49Page - NXP Semiconductors PCA8536 Datasheet HTML 50Page - NXP Semiconductors PCA8536 Datasheet HTML 51Page - NXP Semiconductors PCA8536 Datasheet HTML 52Page - NXP Semiconductors PCA8536 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
PCA8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
49 of 74
NXP Semiconductors
PCA8536
Automotive LCD low multiplex driver with 6 channel PWM generator
9.2.7 I2C-bus slave address
Device selection depends on the I2C-bus slave address. Two different I2C-bus slave
addresses can be used to address the PCA8536 (see Table 37).
The least significant bit of the slave address byte is bit R/W. Bit 1 of the slave address is
defined by connecting the input A0 to either VSS (logic 0) or VDD (logic 1). Therefore, two
instances of PCA8536 can be distinguished on the same I2C-bus.
9.2.8 I2C-bus protocol
The I2C-bus protocol is shown in Figure 36. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the two PCA8536 slave
addresses available. All PCA8536 with the corresponding A0 level acknowledge in
parallel to the slave address, but any PCA8536 with the alternative A0 level ignore the
whole I2C-bus transfer.
After acknowledgement, a control byte follows (see Section 9.1 on page 46).
The display bytes are stored in the display RAM at the address specified by the RAM data
pointer and PWM data is stored at the address pointed to by the PWM data pointer.
The acknowledgement after each byte is made only by the addressed PCA8536. After the
last data byte, the I2C-bus master issues a STOP condition (P). Alternatively a START
may be issued to RESTART an I2C-bus access.
Table 37.
I2C slave address
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
011
100
A0
R/W
Fig 36. I2C-bus protocol write mode
EXAMPLES
a) transmit two byte of RAM data
013aaa462
A
0
S 0 1110
0
control byte
slave address
RAM/command byte
RAM DATA
M
S
B
L
S
B
AA
P
R/W = 0
S 0 1110
0
0
1
A
AA
P
A
b) transmit two command bytes
COMMAND
S 0 1110
0
1 0
AA
A
P
COMMAND
A
A
c) transmit one command byte and two RAM date bytes
COMMAND
S 0 1110
0
1 0
00
00
AA
A
P
A
A
A
C
O
R
S
1
0
A
0
0
A
0
0
A
0
A
1
R
S
0
0
00
0
1
RAM DATA
RAM DATA
RAM DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com