Electronic Components Datasheet Search
  English  ▼

X  

LTC1321CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1321CS
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1321CS Datasheet HTML 11Page - Linear Technology LTC1321CS Datasheet HTML 12Page - Linear Technology LTC1321CS Datasheet HTML 13Page - Linear Technology LTC1321CS Datasheet HTML 14Page - Linear Technology LTC1321CS Datasheet HTML 15Page - Linear Technology LTC1321CS Datasheet HTML 16Page - Linear Technology LTC1321CS Datasheet HTML 17Page - Linear Technology LTC1321CS Datasheet HTML 18Page - Linear Technology LTC1321CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1321/LTC1322/LTC1335
S
APPLICATI
I FOR ATIO
5V
5V
18
10
1
24
5V
1
TXD–
RXD–
TXD+
RXD+
120
Ω
2
LTC1320
1321/22/35 F15
TXD
TXI
7
3
4
1k
1k
13
12
RXEN
5
6
19
LTC1335
16
RA1
2
3
8
7
6
11
12
15
DE1
DY1
17
5V
5V
18
14
13
–5V
120
Ω
22
Ω
100pF
22
Ω
SEL1, 5V
SEL2, 5V
1k
1k
17
9
22
11
4
21
8
9
16
10
23
14
15
RXO
RXO
RXDO
5
20
OE
RFI
RFI
RFI
RFI
RFI
RFI
RFI
TXDEN
=
RFI
RFI
Figure 15. Apple LocalTalk Implemented Using
LTC1320 and LTC1335 Transceivers
5V
–5V
18
10
1
24
5V
1
TXD–
RXD–
RXI
TXD+
RXD+
2
LTC1320
1321/22/35 F16
TXD
TXI
7
3
4
13
12
5
6
19
LTC1335
16
RA1
RA2
2
3
8
7
6
11
12
15
DE1
DY1
DY2
DZ2
17
5V
5V
18
14
13
–5V
22
Ω
100pF
22
Ω
SEL1, 5V
SEL2
17
9
22
11
421
8
9
16
10
23
14
15
RXO
RXDO
5
20
OE
RFI
RFI
TXDEN
RXEN
TXO
RXI
RXO
=
120
Ω
120
Ω
120
Ω
120
Ω
RFI
RFI
RFI
RFI
RFI
RFI
RFI
RFI
RFI
RFI
RFI
RFI
RFI
Figure 16. AppleTalk Direct Connect Using LTC1320
for DTE and LTC1335 for DCE Transceivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com