Electronic Components Datasheet Search
  English  ▼

X  

LTC1321CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1321CS
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1321CS Datasheet HTML 12Page - Linear Technology LTC1321CS Datasheet HTML 13Page - Linear Technology LTC1321CS Datasheet HTML 14Page - Linear Technology LTC1321CS Datasheet HTML 15Page - Linear Technology LTC1321CS Datasheet HTML 16Page - Linear Technology LTC1321CS Datasheet HTML 17Page - Linear Technology LTC1321CS Datasheet HTML 18Page - Linear Technology LTC1321CS Datasheet HTML 19Page - Linear Technology LTC1321CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1321/LTC1322/LTC1335
S
APPLICATI
TYPICAL
A typical RS422 connection shown in Figure 20 allows one
driver and ten receivers on a twisted pair of wires termi-
nated with a 100
Ω resistor at one end. The ground shield
is optional.
A typical twisted pair line repeater is shown in Figure 21.
As data transmission rate drops with increased cable
length, repeater can be inserted to improve transmission
rate or to transmit beyond 4000 feet limit.
Figure 20. Typical Connection for RS422 Interface
1/2 LTC1322/LTC1335
TX OUT
RX IN
1321/22/35 F21
100
Ω
2
3
4
6
21
20
22
5
5V
Figure 21. Typical Cable Repeater for RS422 Interface
1/2 LTC1322/LTC1335
1/2 LTC1322/LTC1335
1/2 LTC1322/LTC1335
1321/22/35 F20
100
Ω
20
21
6
22
7
15
16
17
5V
5V
RX OUT
RX OUT
RX OUT
DR ENABLE
DR ENABLE
DR IN
DR IN
3 2
6
5V
2
3
4
5
9
8
11
22
10
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com