Electronic Components Datasheet Search
  English  ▼

X  

LTC1693 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1693
Description  High Speed Single/Dual N-Channel MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1693 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1693 Datasheet HTML 12Page - Linear Technology LTC1693 Datasheet HTML 13Page - Linear Technology LTC1693 Datasheet HTML 14Page - Linear Technology LTC1693 Datasheet HTML 15Page - Linear Technology LTC1693 Datasheet HTML 16Page - Linear Technology LTC1693 Datasheet HTML 17Page - Linear Technology LTC1693 Datasheet HTML 18Page - Linear Technology LTC1693 Datasheet HTML 19Page - Linear Technology LTC1693 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1693
TYPICAL APPLICATIONS
Charge Pump Tripler
Output Voltage
Efficiency
3
4
8
VCC = 5V
VCC = 5V
C1
680pF
C2
1
µF
C3
1
µF
C5
1
µF
+
C4
3.3
µF
+
CL
47
µF
1693 TA09a
VOUT
R1, C1 SET THE OSCILLATION FREQUENCY AT 150kHz
AND THE DUTY CYCLE AT 35%
R1
11k
1%
D2
1N5817
D3
1N5817
D4
1N5817
D1
1N5817
7
1
LTC1693-3
OUTPUT CURRENT (mA)
0
0
2
6
8
10
60 70 80 90
18
1693 TA09b
4
10 20 30 40 50
100
12
14
16
VCC = 5V
OUTPUT CURRENT (mA)
0
0
10
30
40
50
60 70 80 90
90
1693 TA09c
20
10 20 30 40 50
100
60
70
80
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com